Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UF1000 Datasheet (PDF) - Yea Shin Technology Co., Ltd

UF1000 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # UF1000
Download  UF1000 Download
File Size   75.66 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes

UF1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1000 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # UF1000
Download  UF1000 Click to download

File Size   75.66 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes

UF1000 Datasheet (HTML) - Yea Shin Technology Co., Ltd


UF1000 Product details

FEATURES
 • Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O Utilizing
    Flame Retardant Epoxy Molding Compound
 • Exceeds environmental standards of MIL-S-19500/228
 • Low power loss, high efficiency
 • Low forward voltage, high current capability
 • High surge capacity
 • Ultra Fast recovery times, high voltage
 • High temperature soldering : 260°C / 10 seconds at terminals
 • Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - UF1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1000 WTE-UF1000 Datasheet
44Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000 WTE-UF1000 Datasheet
50Kb / 4P
10A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
75Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF1000 CHENG-YI-UF1000 Datasheet
170Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS
More results


Similar Description - UF1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
UF800F PANJIT-UF800F Datasheet
74Kb / 2P
ISOLATION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Yea Shin Technology Co....
UF1000CT YEASHIN-UF1000CT Datasheet
40Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
UF1000F YEASHIN-UF1000F Datasheet
45Kb / 2P
ULT RAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com