| Manufacturer | Part # | Datasheet | Description |
 Assmann Electronics Inc... |
AK672-1XHQC-R
|
77Kb / 1P |
High Quality USB Connection Cable, USB A Male to USB B Male
|
 List of Unclassifed Man... |
632905731122
|
343Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
 Wurth Elektronik GmbH &... |
632905731122
|
388Kb / 2P |
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
|
 Tripp Lite. All Rights ... |
U038-006
|
167Kb / 3P |
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
|
 Coolgear Inc. |
CG-U3CMCF20-PM
|
1Mb / 2P |
USB 3.2 Type-C Male to Female High Quality Panel Mount Cable 20 inch
|
|
CG-U3CMCF36-PM
|
1Mb / 2P |
USB 3.1 Type-C Male to Female High Quality Panel Mount Cable 36 inch
|
|
USB3-AC03MB
|
125Kb / 1P |
USB 3.2 Gen 2 Type-C Male to Type-A Male Cable
2021.04.17 |
|
CGL-G2180CMC-03M
|
1Mb / 1P |
USB 3.2 Gen 2 180° Male Type-C to Male C
3/17/2023 |
|
USB3-AC1MB
|
158Kb / 1P |
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0 |
|
USB3-AC2MB
|
156Kb / 1P |
USB 3.2 GEN 2 TYPE-C MALE TO TYP
REV. A0 |