Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CG-U3CMCF20-PM Datasheet (PDF) - Coolgear Inc.

CG-U3CMCF20-PM Datasheet PDF - Coolgear Inc.
Part # CG-U3CMCF20-PM
Download  CG-U3CMCF20-PM Download
File Size   1539.76 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB 3.2 Type-C Male to Female High Quality Panel Mount Cable 20 inch

CG-U3CMCF20-PM Datasheet (PDF)

Go To PDF Page Download Datasheet
CG-U3CMCF20-PM Datasheet PDF - Coolgear Inc.

Part # CG-U3CMCF20-PM
Download  CG-U3CMCF20-PM Click to download

File Size   1539.76 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB 3.2 Type-C Male to Female High Quality Panel Mount Cable 20 inch

CG-U3CMCF20-PM Datasheet (HTML) - Coolgear Inc.


CG-U3CMCF20-PM Product details

Features
Super Speed USB 3.1 Type C (USB-C) Male to Female Panel
Mount Cable.
Convenient way to combine two USB Type C cables through a
panel without any signal loss.
Flexible PVC jacket, Foil and braid shielding, and the twisted pair
construction make a better performance.
The screw design helps to connect the device tightly.
Easily attaches to any USB Type-C device




Similar Part No. - CG-U3CMCF20-PM

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-U3CMCF-PM COOLGEAR-CG-U3CMCF-PM Datasheet
260Kb / 2P
USB 3.2 Type-C Male to Female High Quality Panel Mount Cable 8 Inch
CG-U3CMCF36-PM COOLGEAR-CG-U3CMCF36-PM Datasheet
1Mb / 2P
USB 3.1 Type-C Male to Female High Quality Panel Mount Cable 36 inch
More results


Similar Description - CG-U3CMCF20-PM

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK672-1XHQC-R ASSMANN-AK672-1XHQC-R Datasheet
77Kb / 1P
High Quality USB Connection Cable, USB A Male to USB B Male
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
logo
Coolgear Inc.
CG-U3CMCF-PM COOLGEAR-CG-U3CMCF-PM Datasheet
260Kb / 2P
USB 3.2 Type-C Male to Female High Quality Panel Mount Cable 8 Inch
CG-U3CMCF36-PM COOLGEAR-CG-U3CMCF36-PM Datasheet
1Mb / 2P
USB 3.1 Type-C Male to Female High Quality Panel Mount Cable 36 inch
USB3-AC03MB COOLGEAR-USB3-AC03MB Datasheet
125Kb / 1P
USB 3.2 Gen 2 Type-C Male to Type-A Male Cable
2021.04.17
CGL-G2180CMC-03M COOLGEAR-CGL-G2180CMC-03M Datasheet
1Mb / 1P
USB 3.2 Gen 2 180° Male Type-C to Male C
3/17/2023
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
USB3-AC2MB COOLGEAR-USB3-AC2MB Datasheet
156Kb / 1P
USB 3.2 GEN 2 TYPE-C MALE TO TYP
REV. A0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com