Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T50R0-1000-6X Datasheet (PDF) - Vishay Barry

T50R0-1000-6X Datasheet PDF - Vishay Barry
Part # T50R0-1000-6X
Download  T50R0-1000-6X Download
File Size   164.5 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1000W DC-4.5GHz BeO Flanged Termination

T50R0-1000-6X Datasheet (PDF)

Go To PDF Page Download Datasheet
T50R0-1000-6X Datasheet PDF - Vishay Barry

Part # T50R0-1000-6X
Download  T50R0-1000-6X Click to download

File Size   164.5 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 1000W DC-4.5GHz BeO Flanged Termination

T50R0-1000-6X Datasheet (HTML) - Vishay Barry


T50R0-1000-6X Product details

T50R0-1000-6X Features:
• Flange Mount
• RoHS Compliant
• Customer Defined Testing Available
• High Rated Power
• Covered Resistor Element (First Chip)
• ±5% Resistor Tolerance

T50R0-1000-6X Parameters:
Operating Frequency: DC - 4.5GHz
Rated Power: 1000W*
Return Loss (Typical)**: 20dB or Better (DC - 2.5GHz)
17dB or Better (>2.5GHz - 4.5GHz)
Impedance: 50Ω ±5%***
Resistor Construction: Thick Film on BeO
Flange Construction: Silver Plated Copper
Lead Construction: Silver Plated Copper
Operating Temperature: -55 to +150°C




Similar Part No. - T50R0-1000-6X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-1000-3X BARRY-T50R0-1000-3X Datasheet
141Kb / 2P
1000W BeO Flanged Termination
REV.E MAY 2 2017
More results


Similar Description - T50R0-1000-6X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-30-10X BARRY-T50R0-30-10X Datasheet
153Kb / 2P
30W BeO Flanged Termination
REV.B OCT 27 2014
T50R0-30-13X BARRY-T50R0-30-13X Datasheet
151Kb / 2P
30W BeO Flanged Termination
REV.B OCT 27 2014
T50R0-60-50E BARRY-T50R0-60-50E Datasheet
156Kb / 2P
60W BeO Flanged Termination
REV.C NOV 5 2014
T50R0-100-18X BARRY-T50R0-100-18X Datasheet
155Kb / 2P
100W DC-6GHz BeO Flanged Termination
REV.C FEB 14 2017
T50R0-100-39Y BARRY-T50R0-100-39Y Datasheet
256Kb / 3P
100W DC-10GHz BeO Flanged Termination
REV.B NOV 26 2018
T50R0-1000-3X BARRY-T50R0-1000-3X Datasheet
141Kb / 2P
1000W BeO Flanged Termination
REV.E MAY 2 2017
T50R0-1750-1X BARRY-T50R0-1750-1X Datasheet
179Kb / 2P
1750W BeO Flanged Termination
REV.B OCT 16 2017
T50R0-40-16X BARRY-T50R0-40-16X Datasheet
154Kb / 2P
40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
T50R0-40-17X BARRY-T50R0-40-17X Datasheet
160Kb / 2P
40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
T50R0-500-15X BARRY-T50R0-500-15X Datasheet
196Kb / 2P
500W DC-5.5GHz BeO Flanged Termination
REV.D APR 18 2019
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com