Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T50R0-500-15X Datasheet (PDF) - Vishay Barry

T50R0-500-15X Datasheet PDF - Vishay Barry
Part # T50R0-500-15X
Download  T50R0-500-15X Download
File Size   196.46 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 500W DC-5.5GHz BeO Flanged Termination

T50R0-500-15X Datasheet (PDF)

Go To PDF Page Download Datasheet
T50R0-500-15X Datasheet PDF - Vishay Barry

Part # T50R0-500-15X
Download  T50R0-500-15X Click to download

File Size   196.46 Kbytes
Page   2 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description 500W DC-5.5GHz BeO Flanged Termination

T50R0-500-15X Datasheet (HTML) - Vishay Barry


T50R0-500-15X Product details

T50R0-500-15X Features:
• Flange Mount
• RoHS Compliant
• Customer Defined Testing Available
• High Rated Power
• Covered Resistor Element (First Chip)
• ±5% Resistor Tolerance

T50R0-500-15X Parameters:
Operating Frequency: DC - 5.5GHz
Rated Power: 500W*
Return Loss (Typical)**: 20dB or Better (DC - 2.5GHz)
17dB or Better (>2.5 - 4.5GHz)
13dB or Better (>4.5 - 5.5GHz)
Impedance: 50Ω ±5%***
Resistor Construction: Thick Film on BeO
Flange Construction: Silver Plated Copper
Lead Construction: Silver Plated Copper
Operating Temperature: -55 to +150°C




Similar Part No. - T50R0-500-15X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-500-10E BARRY-T50R0-500-10E Datasheet
150Kb / 2P
500W BeO Flanged Termination
REV.F NOV 11 2015
T50R0-500-10X BARRY-T50R0-500-10X Datasheet
168Kb / 2P
500W BeO Flanged Termination
REV.C OCT 15 2014
More results


Similar Description - T50R0-500-15X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-30-10X BARRY-T50R0-30-10X Datasheet
153Kb / 2P
30W BeO Flanged Termination
REV.B OCT 27 2014
T50R0-30-13X BARRY-T50R0-30-13X Datasheet
151Kb / 2P
30W BeO Flanged Termination
REV.B OCT 27 2014
T50R0-60-50E BARRY-T50R0-60-50E Datasheet
156Kb / 2P
60W BeO Flanged Termination
REV.C NOV 5 2014
T50R0-100-18X BARRY-T50R0-100-18X Datasheet
155Kb / 2P
100W DC-6GHz BeO Flanged Termination
REV.C FEB 14 2017
T50R0-100-39Y BARRY-T50R0-100-39Y Datasheet
256Kb / 3P
100W DC-10GHz BeO Flanged Termination
REV.B NOV 26 2018
T50R0-1000-6X BARRY-T50R0-1000-6X Datasheet
164Kb / 2P
1000W DC-4.5GHz BeO Flanged Termination
REV.D SEPT 21 2016
T50R0-40-16X BARRY-T50R0-40-16X Datasheet
154Kb / 2P
40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
T50R0-40-17X BARRY-T50R0-40-17X Datasheet
160Kb / 2P
40W DC-18GHz BeO Flanged Termination
REV.A MAR 22 2017
T50R0-500-10E BARRY-T50R0-500-10E Datasheet
150Kb / 2P
500W BeO Flanged Termination
REV.F NOV 11 2015
T50R0-500-10X BARRY-T50R0-500-10X Datasheet
168Kb / 2P
500W BeO Flanged Termination
REV.C OCT 15 2014
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com