Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

749012310 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

749012310 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 749012310
Download  749012310 Download
File Size   456.87 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port

749012310 Datasheet (PDF)

Go To PDF Page Download Datasheet
749012310 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749012310
Download  749012310 Click to download

File Size   456.87 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port

749012310 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


749012310 Product details

General Information:
It is recommended that the temperature of the component does not exceed +85°C under worst case conditions
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 749012310

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749012011 WURTH-749012011 Datasheet
144Kb / 1P
TRANSFORMER
7490120110 WURTH-7490120110 Datasheet
234Kb / 3P
LAN-Transformer WE-LAN
7490120110 WURTH-7490120110 Datasheet
284Kb / 3P
LAN-Transformer WE-LAN
2018-08-20
7490120110 WURTH-7490120110_V01 Datasheet
284Kb / 3P
LAN-Transformer WE-LAN
2018-08-20
749012013 WURTH-749012013 Datasheet
208Kb / 1P
TRANSFORMER
More results


Similar Description - 749012310

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010310 WURTH-749010310 Datasheet
540Kb / 7P
WE-LAN AQ 10/100 Base-T SMD Transformer 1 Port
749020310 WURTH-749020310 Datasheet
476Kb / 7P
WE-LAN AQ 10/100/1000 Base-T SMD Transformer 1 Port
7490140124 WURTH-7490140124 Datasheet
524Kb / 6P
WE-LAN 10/100 Base-T SMT Transformer 1 Port
002.000
7490140125 WURTH-7490140125 Datasheet
535Kb / 6P
WE-LAN 10/100 Base-T SMT Transformer 1 Port
002.000
7490140140 WURTH-7490140140 Datasheet
554Kb / 6P
WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
7490140141 WURTH-7490140141 Datasheet
543Kb / 6P
WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
749013310 WURTH-749013310 Datasheet
456Kb / 6P
WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
7490140142 WURTH-7490140142 Datasheet
554Kb / 6P
WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
749022310 WURTH-749022310 Datasheet
453Kb / 6P
WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
749023310 WURTH-749023310 Datasheet
454Kb / 6P
WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com