Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

749023310 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

749023310 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 749023310
Download  749023310 Download
File Size   454.79 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port

749023310 Datasheet (PDF)

Go To PDF Page Download Datasheet
749023310 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 749023310
Download  749023310 Click to download

File Size   454.79 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port

749023310 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


749023310 Product details

General Information:
It is recommended that the temperature of the component does not exceed +85°C under worst case conditions
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 749023310

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749023010 WURTH-749023010 Datasheet
101Kb / 3P
Spezifikation fur Freigabe specification for release
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
749023015 WURTH-749023015 Datasheet
273Kb / 1P
ELECTRICAL SPECIFICATIONS
749023016 WURTH-749023016 Datasheet
146Kb / 1P
ELECTRICAL SPECIFICATIONS
749023020 WURTH-749023020 Datasheet
238Kb / 3P
Spezifikation fur Freigabe specification for release
More results


Similar Description - 749023310

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010310 WURTH-749010310 Datasheet
540Kb / 7P
WE-LAN AQ 10/100 Base-T SMD Transformer 1 Port
749020310 WURTH-749020310 Datasheet
476Kb / 7P
WE-LAN AQ 10/100/1000 Base-T SMD Transformer 1 Port
749020023A WURTH-749020023A Datasheet
498Kb / 6P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
003.000
749012310 WURTH-749012310 Datasheet
456Kb / 6P
WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
749013310 WURTH-749013310 Datasheet
456Kb / 6P
WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
749022310 WURTH-749022310 Datasheet
453Kb / 6P
WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
7490240121 WURTH-7490240121 Datasheet
602Kb / 7P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
002.000
7490240140 WURTH-7490240140 Datasheet
557Kb / 6P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
002.001
7490240141 WURTH-7490240141 Datasheet
560Kb / 6P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
002.000
7490240142 WURTH-7490240142 Datasheet
534Kb / 6P
WE-LAN 10/100/1000 Base-T SMT Transformer 1 Port
001.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com