Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GRF5526W Datasheet (PDF) - Guerrilla RF, Inc.

GRF5526W Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5526W
Download  GRF5526W Download
File Size   1573.3 Kbytes
Page   19 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz

GRF5526W Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5526W Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5526W
Download  GRF5526W Click to download

File Size   1573.3 Kbytes
Page   19 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz

GRF5526W Datasheet (HTML) - Guerrilla RF, Inc.


GRF5526W Product details

FEATURES
• Excellent OP1dB, OIP3, ACLR and IM3 Performance
• Native Linearity Provides up to +23 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
• +23 dBm Linear Output Power Maintained at 105 °C
• Flexible Biasing Provides Latitude for Linearity
Optimization
• 150 mA Native Mode Quiescent Current Consumption
• 5 V Supply Voltage
• 50 Ω Single-ended Input and Output Impedances
• Digital Shutdown
• Rugged Design is Extremely Resilient to Mismatched
Loads
• -40 to 105 °C Operating Temperature Range
• Compact 3 x 3 mm QFN-16 Package
AEC-Q100 Grade 2 Qualification Pending
• 100% Device Reflow at Assembly
• 100% Optical Die Inspection
Reference: 5 V / 2.6 GHz / 150 mA ICCQ
• Gain: 30 dB
• OIP3: 45 dBm @ 23 dBm POUT/tone
• OP1dB: 32.2 dBm
• Noise Figure: 3.3 dB
APPLICATIONS
• Cellular Boosters/Repeaters
• Automotive Compensators
• Picocells/Femtocells
• Customer Premise Equipment
• Cellular DAS
• Wireless Infrastructure




Similar Part No. - GRF5526W

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5526 GUERRILLA-GRF5526 Datasheet
1Mb / 13P
High Linearity Power Amplifier Tuning Range: 1.7 to 1.8 GHz
More results


Similar Description - GRF5526W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
07/2008
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
BeRex Corporation
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Qorvo, Inc
QPA9907 QORVO-QPA9907 Datasheet
1Mb / 14P
2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
QPA9907 QORVO-QPA9907_V01 Datasheet
1Mb / 14P
2.5 ??2.7 GHz 4 W High-Efficiency Amplifier
Nov. 9th, 2021
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com