Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GRF5526W Datasheet(PDF) 6 Page - Guerrilla RF, Inc.

Part # GRF5526W
Description  HIGH LINEARITY POWER AMPLIFIER 2.5 to 2.7 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF5526W Datasheet(HTML) 6 Page - Guerrilla RF, Inc.

Back Button GRF5526W Datasheet HTML 2Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 3Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 4Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 5Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 6Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 7Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 8Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 9Page - Guerrilla RF, Inc. GRF5526W Datasheet HTML 10Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
GRF5526W High Linearity Power Amplifier 2.5 to 2.7 GHz
PRELIMINARY DATA SHEET
Guerrilla RF Proprietary Information. • ©2022 Guerrilla RF, Inc. • All rights reserved. • January 27, 2023
6
www.guerrilla-rf.com • (336) 510-7840 • sales@guerrilla-rf.com • 1196 Pleasant Ridge Road, Suite 5, Greensboro, NC 27409
Nominal Operating Parameters – General
The following conditions apply unless noted otherwise: Typical Application Schematic using the 2.5 to 2.7 GHz tuning set. M2 = 6810 Ω, M4 = 4750 Ω,
M10 = 1200 Ω, VSHDN = LOW, VCC = +4.75 to +5.25 V, ICCQ = 150 mA, 50 Ω system impedance, POUT = +23 dBm, FTEST = 2.6 GHz, TPKG HEAT SINK = -40 to
105 °C. Typical values are at VCC = 5 V, ICCQ = 150 mA, POUT = +23 dBm, FTEST = 2.6 GHz, TPKG HEAT SINK = 25 °C. MIN/MAX specifications listed in italics are
guaranteed via production test screening. All other parameters are guaranteed by design and characterization. Evaluation board losses are included
within the specifications.
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Supply Quiescent Current
ICCQ
150
mA
ICCQ1 + ICCQ2. No RF Applied.
Supply Current with RF Applied
ICC
250
mA
ICC1 + ICC2. RF Applied with POUT = 23 dBm.
Enable Current 1
IENABLE1
2.5
mA
VCC = 5 V, T PKG HEAT SINK = 25 °C.
Enable Current 2
IENABLE2
1.5
mA
VCC = 5 V, T PKG HEAT SINK = 25 °C.
Enable Current 3
IENABLE3
1.5
mA
VCC = 5 V, T PKG HEAT SINK = 25 °C.
Operating Temperature Range
TPKG HEAT SINK
-40
105
°C
Measured on Package Heat Sink.
Logic Input Low
VIL
0
0.9
V
Applies to VSHDN Input.
Logic Input High
VIH
1.7
VCC
V
Applies to VSHDN Input.
Logic Current Low
IIL
3
nA
Applies to VSHDN Input, VIL = 0.9 V.
Logic Current High
IIH
60
µA
Applies to VSHDN Input, VIH = 1.8 V.
280
Applies to VSHDN Input, VIH = 3.3 V.
Switching Rise Time
TRISE
TBD
ns
Applies to VSHDN Input.
Switching Fall Time
TFALL
TBD
ns
Applies to VSHDN Input.
Disabled Mode
Supply Quiescent Current
ICCQ-SHDN
1
µA
VCC = 5 V, VSHDN/VEN1/VEN2/VEN3 = HIGH.
Enable Current 1
IENABLE1-SHDN
3
mA
VCC = 5 V, VSHDN/VEN1/VEN2/VEN3 = HIGH.
Enable Current 2
IENABLE2-SHDN
1.3
mA
VCC = 5 V, VSHDN/VEN1/VEN2/VEN3 = HIGH.
Enable Current 3
IENABLE3-SHDN
1.3
mA
VCC = 5 V, VSHDN/VEN1/VEN2/VEN3 = HIGH.
Thermal Data
Thermal Resistance (Infrared Scan)
JC
30
°C/W
On Standard Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com