Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI52112-B3 Datasheet (PDF) - Skyworks Solutions Inc.

SI52112-B3 Datasheet PDF - Skyworks Solutions Inc.
Part # SI52112-B3
Download  SI52112-B3 Download
File Size   1073.05 Kbytes
Page   20 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR

SI52112-B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI52112-B3 Datasheet PDF - Skyworks Solutions Inc.

Part # SI52112-B3
Download  SI52112-B3 Click to download

File Size   1073.05 Kbytes
Page   20 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR

SI52112-B3 Datasheet (HTML) - Skyworks Solutions Inc.


SI52112-B3 Product details

Features
 PCI-Express Gen 1 and Gen 2
compliant
 Low power HCSL differential
output buffers
 Supports Serial-ATA (SATA) at
100 MHz
 No termination resistors required
 25 MHz Crystal Input or Clock
input
 Triangular spread spectrum
profile for maximum EMI
reduction (Si52112-B4)
 Extended Temperature:
–40 to 85 °C
 3.3 V Power supply
 Small package 10-pin TDFN
(3x3 mm)
 Si52112-B3 does not support
spread spectrum outputs
 Si52112-B4 supports 0.5% down
spread outputs
 For PCIe Gen3 applications, see
Si52112-B5/B6




Similar Part No. - SI52112-B3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
Si52112-B3AM21R SILABS-Si52112-B3AM21R Datasheet
64Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si52112-B3ZM21 SILABS-Si52112-B3ZM21 Datasheet
64Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Similar Description - SI52112-B3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI52111-B3 SILABS-SI52111-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
SI52112-A1 SILABS-SI52112-A1 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
SI52112-B3 SILABS-SI52112-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
SI52111-B3 SKYWORKS-SI52111-B3 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 2 SINGLE OUTPUT CLOCK GENERATOR
Rev. 1.1
SI52112-A1 SKYWORKS-SI52112-A1 Datasheet
1,005Kb / 20P
PCI-EXPRESS GEN 1 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com