Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI52112-B3 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SI52112-B3
Description  PCI-EXPRESS GEN 2 DUAL OUTPUT CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI52112-B3 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SI52112-B3 Datasheet HTML 1Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 2Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 3Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 4Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 5Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 6Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 7Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 8Page - Skyworks Solutions Inc. SI52112-B3 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Si52112-B3/B4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
5
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 3. AC Electrical Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal
Long-term Accuracy
LACC
Measured at VDD/2 differential
250
ppm
Clock Input
CLKIN Duty Cycle
TDC
Measured at VDD/2
45
55
%
CLKIN Rise and Fall Times
TR/TF
Measured between 0.2 VDD and
0.8 VDD
0.5
4.0
V/ns
CLKIN Cycle-to-Cycle Jitter
TCCJ
Measured at VDD/2
250
ps
CLKIN Long Term Jitter
TLTJ
Measured at VDD/2
350
ps
Input High Voltage
VIH
XIN/CLKIN pin
2
VDD+0.3
V
Input Low Voltage
VIL
XIN/CLKIN pin
0.8
V
Input High Current
IIH
XIN/CLKIN pin, VIN = VDD
——
35
µA
Input Low Current
IIL
XIN/CLKIN pin, 0 < VIN <0.8
–35
µA
DIFF Clocks
Duty Cycle
TDC
Measured at 0 V differential
45
55
%
Skew
TSKEW
Measured at 0 V differential
60
ps
Output Frequency
FOUT
VDD = 3.3 V
100
MHz
Frequency Accuracy
FACC
All output clocks
——
100
ppm
Slew Rate
tr/f2
Measured differentially from
±150 mV
0.6
4.0
V/ns
Cycle-to-Cycle Jitter
TCCJ
Measured at 0 V differential
28
70
ps
PCIe Gen 1 Pk-Pk Jitter
Pk-PkGEN1
PCIe Gen 1
—24
86
ps
PCIe Gen 2 Phase Jitter
RMSGEN2
10 kHz < F < 1.5 MHz
1.35
3.0
ps
1.5 MHz < F < Nyquist
1.4
3.1
ps
Crossing Point Voltage at 0.7 V
Swing
VOX
300
550
mV
Voltage High
VHIGH
1.15
V
Voltage Low
VLOW
–0.3
V
Spread Range
SRNG
Down Spread, -B4 only
–0.5
%
Modulation Frequency
FMOD
-B4 only
30
31.5
33
kHz
Enable/Disable and Set-up
Clock Stabilization from Power-
up
TSTABLE
——
3
ms
Stopclock Set-up Time
TSS
10.0
ns
Note: Visit www.pcisig.com for complete PCIe specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com