Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5350A-B Datasheet (PDF) - Skyworks Solutions Inc.

SI5350A-B Datasheet PDF - Skyworks Solutions Inc.
Part # SI5350A-B
Download  SI5350A-B Download
File Size   1477.7 Kbytes
Page   39 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR

SI5350A-B Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5350A-B Datasheet PDF - Skyworks Solutions Inc.

Part # SI5350A-B
Download  SI5350A-B Click to download

File Size   1477.7 Kbytes
Page   39 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR

SI5350A-B Datasheet (HTML) - Skyworks Solutions Inc.


SI5350A-B Product details

Features
 https://www.skyworksinc.com/Products/Ti
ming/CMOS-Clock-Generators
 Generates up to 8 non-integer-related
frequencies from 2.5 kHz to 200 MHz
 Exact frequency synthesis at each
output (0 ppm error)
 Glitchless frequency changes
 Low output period jitter: < 70 ps pp, typ
 Configurable Spread Spectrum
selectable at each output
 User-configurable control pins:
Output Enable (OEB_0/1/2)
Power Down (PDN)
Frequency Select (FS_0/1)
Spread Spectrum Enable (SSEN)
 Supports static phase offset
 Rise/fall time control
 Operates from a low-cost, fixed
frequency crystal: 25 or 27 MHz
 Separate voltage supply pins provide
level translation:
Core VDD: 1.8 V, 2.5 V or 3.3 V
Output VDDO: 1.8 V, 2.5 V or 3.3 V
 Excellent PSRR eliminates external
power supply filtering
 Very low power consumption
(25 mA core, typ)
 Available in 3 packages types:
10-MSOP: 3 outputs
16-QFN (3x3 mm): 4 output
20-QFN (4x4 mm): 8 output
 PCIE Gen 1 compatible
 Supports HCSL jitter compatible
swing




Similar Part No. - SI5350A-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Si5350A-B SILABS-Si5350A-B Datasheet
1Mb / 41P
I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 40P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 40P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 48P
I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Similar Description - SI5350A-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5351 ETC2-SI5351 Datasheet
45Kb / 2P
Factory-Programmable Any-Frequency CMOS Clock Generator
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Silicon Laboratories
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com