Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI5350A-B Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SI5350A-B
Description  FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI5350A-B Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SI5350A-B Datasheet HTML 2Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 3Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 4Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 5Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 6Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 7Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 8Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 9Page - Skyworks Solutions Inc. SI5350A-B Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Si5350A-B
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.2 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 27, 2021
Table 5. AC Characteristics
(VDD = 1.8 V ±5%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Powerup Time
TRDY
From VDD =VDDmin to valid output
clock, CL =5pF, fCLKn >1MHz
—2
10
ms
Powerup Time, PLL Bypass Mode
TBYP
From VDD =VDDmin to valid output
clock, CL =5pF, fCLKn >1MHz
—0.5
1
ms
Output Enable Time
TOE
From OEB assertion to valid clock
output, CL =5pF, fCLKn >1MHz
——
10
µs
Output Frequency Transition Time
TFREQ
fCLKn >1MHz
10
µs
Spread Spectrum Frequency
Deviation
SSDEV
Down spread.
Selectable in 0.1% steps.
–0.1
–2.5
%
Center spread.
Selectable in 0.1% steps.
±0.1
±1.5
%
Spread Spectrum Modulation Rate
SSMOD
30
31.5
33
kHz
Table 6. Input Characteristics
(VDD = 1.8 V ±5%, 2.5 V ±10%, or 3.3 V ±10%, TA =–40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Crystal Frequency
fXTAL
25
27
MHz
P0-P4 Input Low Voltage
VIL_P0-4
–0.1
0.3 x VDD
V
P0-P4 Input High Voltage
VIH_P0-4
VDD = 2.5 V or 3.3 V 0.7 x VDD
—3.60
V
VDD = 1.8 V
0.8 x VDD
—3.60
V
Table 7. Output Characteristics
(VDD = 1.8 V ±5%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Frequency Range1
FCLK
0.0025
200
MHz
Load Capacitance
CL
FCLK < 100 MHz
15
pF
Duty Cycle
DC
FCLK < 160 MHz, Measured at VDD/2
45
50
55
%
FCLK > 160 MHz, Measured at VDD/2
40
50
60
%
Notes:
1. Only two unique frequencies above 112.5 MHz can be simultaneously output.
2. Measured over 10k cycles. Jitter is only specified at the default high drive strength (50
 output impedance).
3. Jitter is highly dependent on device frequency configuration. Specifications represent a “worst case, real world”
frequency plan; actual performance may be substantially better. Three-output 10MSOP package measured with clock
outputs of 74.25, 24.576, and 48 MHz. Eight-output 20QFN package measured with clock outputs of 33.33, 74.25, 27,
24.576, 22.5792, 28.322, 125, and 48 MHz. Four-output, 16-QFN package measured with clock outputs of 33.333, 27,
28.322, and 48 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com