Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

418117170907 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

418117170907 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 418117170907
Download  418117170907 Download
File Size   427.5 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-DITV Compact THT Dip Switch

418117170907 Datasheet (PDF)

Go To PDF Page Download Datasheet
418117170907 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 418117170907
Download  418117170907 Click to download

File Size   427.5 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WS-DITV Compact THT Dip Switch

418117170907 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


418117170907 Product details

General Information:
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 418117170907

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
418117170901 WURTH-418117170901 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170902 WURTH-418117170902 Datasheet
428Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170903 WURTH-418117170903 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170904 WURTH-418117170904 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170905 WURTH-418117170905 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
More results


Similar Description - 418117170907

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
418117270905 WURTH-418117270905 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117170903 WURTH-418117170903 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170905 WURTH-418117170905 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170908 WURTH-418117170908 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117170912 WURTH-418117170912 Datasheet
427Kb / 6P
WS-DITV Compact THT Dip Switch
001.001
418117270901 WURTH-418117270901 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270902 WURTH-418117270902 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270904 WURTH-418117270904 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270906 WURTH-418117270906 Datasheet
480Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
418117270910 WURTH-418117270910 Datasheet
479Kb / 6P
WS-DITV Compact THT Dip Switch
002.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com