Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ2442A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2442A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2442A
Download  TZ2442A Download
File Size   214.62 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Cylinder DIP Type 25MHz Crystal Unit

TZ2442A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2442A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2442A
Download  TZ2442A Click to download

File Size   214.62 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Cylinder DIP Type 25MHz Crystal Unit

TZ2442A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2442A Product details

Features:
Good Frequency Perturbation and Stability over temperature

Description and Applications:
Cylinder dip type crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ2442A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2441C TAI-SAW-TZ2441C Datasheet
131Kb / 8P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
TZ2443A TAI-SAW-TZ2443A Datasheet
241Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2445A TAI-SAW-TZ2445A Datasheet
228Kb / 7P
Crystal Unit SMD 2.5x2.0 12.0MHz
REV. NO.: 2
TZ2446DA4333 TAI-SAW-TZ2446DA4333 Datasheet
168Kb / 7P
Crystal Unit SMD 2.5x2.0 26.00MHz
REV. NO.: 1
TZ2447A TAI-SAW-TZ2447A Datasheet
128Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
More results


Similar Description - TZ2442A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1274A TAI-SAW-TZ1274A Datasheet
73Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 2.0
TZ1353A TAI-SAW-TZ1353A Datasheet
363Kb / 6P
HC49SMD 25MHz Crystal Unit
REV. NO.: 1.0
TZ1832A TAI-SAW-TZ1832A Datasheet
700Kb / 5P
Cylinder DIP Type 12MHz Crystal Unit
REV. NO.: 2.0
TZ1915A TAI-SAW-TZ1915A Datasheet
295Kb / 4P
HC49US DIP 25MHz Crystal Unit
REV. NO.: 1.0
TZ2121A TAI-SAW-TZ2121A Datasheet
276Kb / 4P
Cylinder DIP Type 24MHz Crystal Unit
REV. NO.: 2.0
TZ2424A TAI-SAW-TZ2424A Datasheet
320Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2435A TAI-SAW-TZ2435A Datasheet
340Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2443A TAI-SAW-TZ2443A Datasheet
241Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2585B TAI-SAW-TZ2585B Datasheet
129Kb / 8P
Crystal Unit SMD 2.0x1.6 25MHz
REV. NO.: 4.0
TZ2620A TAI-SAW-TZ2620A Datasheet
567Kb / 6P
HC49SMD 25MHz Crystal Unit
REV. NO.: 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com