Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ1915A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1915A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ1915A
Download  TZ1915A Download
File Size   295.21 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US DIP 25MHz Crystal Unit

TZ1915A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ1915A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1915A
Download  TZ1915A Click to download

File Size   295.21 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US DIP 25MHz Crystal Unit

TZ1915A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ1915A Product details

Features:
Surface Mount Seam Weld Package
Good Frequency Perturbation and Stability over temperature

Description and Applications:
HC49US crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ1915A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1913A TAI-SAW-TZ1913A Datasheet
152Kb / 8P
Crystal Unit SMD 2.0x1.6 19.2MHz
REV. NO.: 2.0
TZ1916E TAI-SAW-TZ1916E Datasheet
127Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 2
TZ1917B TAI-SAW-TZ1917B Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ1917B TAI-SAW-TZ1917B Datasheet
125Kb / 8P
Crystal Unit SMD 3.2x2.5 12.80MHz
REV. NO.: 2
More results


Similar Description - TZ1915A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1274A TAI-SAW-TZ1274A Datasheet
73Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 2.0
TZ1307A TAI-SAW-TZ1307A Datasheet
71Kb / 5P
HC49US DIP 17.664MHz Crystal Unit
REV. NO.: 2.0
TZ1715A TAI-SAW-TZ1715A Datasheet
304Kb / 4P
HC49US DIP 24.576MHz Crystal Unit
REV. NO.: 1.0
TZ1866A TAI-SAW-TZ1866A Datasheet
79Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ1945A TAI-SAW-TZ1945A Datasheet
210Kb / 4P
HC49US DIP 20MHz Crystal Unit
REV. NO.: 1.0
TZ1979A TAI-SAW-TZ1979A Datasheet
116Kb / 5P
HC49US DIP 48MHz Crystal Unit
REV. NO.: 1.0
TZ2159A TAI-SAW-TZ2159A Datasheet
71Kb / 5P
HC49US DIP 7.304688MHz Crystal Unit
REV. NO.: 2.0
TZ2424A TAI-SAW-TZ2424A Datasheet
320Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2435A TAI-SAW-TZ2435A Datasheet
340Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2443A TAI-SAW-TZ2443A Datasheet
241Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com