Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ1945A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1945A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ1945A
Download  TZ1945A Download
File Size   210.1 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US DIP 20MHz Crystal Unit

TZ1945A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ1945A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1945A
Download  TZ1945A Click to download

File Size   210.1 Kbytes
Page   4 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US DIP 20MHz Crystal Unit

TZ1945A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ1945A Product details

Features:
Surface Mount Seam Weld Package
Good Frequency Perturbation and Stability over temperature

Description and Applications:
HC49US crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ1945A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1941CA4232 TAI-SAW-TZ1941CA4232 Datasheet
247Kb / 7P
Crystal Unit SMD 2.5x2.0 30.0MHz
REV. NO.: 1
TZ1948BA4314 TAI-SAW-TZ1948BA4314 Datasheet
119Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
More results


Similar Description - TZ1945A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1307A TAI-SAW-TZ1307A Datasheet
71Kb / 5P
HC49US DIP 17.664MHz Crystal Unit
REV. NO.: 2.0
TZ1715A TAI-SAW-TZ1715A Datasheet
304Kb / 4P
HC49US DIP 24.576MHz Crystal Unit
REV. NO.: 1.0
TZ1866A TAI-SAW-TZ1866A Datasheet
79Kb / 5P
HC49US DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ1915A TAI-SAW-TZ1915A Datasheet
295Kb / 4P
HC49US DIP 25MHz Crystal Unit
REV. NO.: 1.0
TZ1953A TAI-SAW-TZ1953A Datasheet
69Kb / 5P
HC49US DIP 3.579545MHz Crystal Unit
REV. NO.: 1.0
TZ1979A TAI-SAW-TZ1979A Datasheet
116Kb / 5P
HC49US DIP 48MHz Crystal Unit
REV. NO.: 1.0
TZ2136A TAI-SAW-TZ2136A Datasheet
76Kb / 5P
HC49US 20MHz Crystal Unit
REV. NO.: 1.0
TZ2159A TAI-SAW-TZ2159A Datasheet
71Kb / 5P
HC49US DIP 7.304688MHz Crystal Unit
REV. NO.: 2.0
TZ2498A TAI-SAW-TZ2498A Datasheet
327Kb / 5P
HC49US 20MHz Crystal Unit
REV. NO.: 1.0
TZ2500A TAI-SAW-TZ2500A Datasheet
320Kb / 5P
HC49US 20MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com