Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ2498A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2498A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2498A
Download  TZ2498A Download
File Size   327.4 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US 20MHz Crystal Unit

TZ2498A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2498A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2498A
Download  TZ2498A Click to download

File Size   327.4 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description HC49US 20MHz Crystal Unit

TZ2498A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2498A Product details

Features:
Surface Mount Seam Weld Package
Good Frequency Perturbation and Stability over temperature

Description and Applications:
HC49US crystal unit for use in wireless telecommunications devices




Similar Part No. - TZ2498A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2490A TAI-SAW-TZ2490A Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ2492A TAI-SAW-TZ2492A Datasheet
125Kb / 8P
Crystal Unit SMD 3.2x2.5 48.00MHz
REV. NO.: 2
TZ2494B TAI-SAW-TZ2494B Datasheet
143Kb / 7P
Crystal Unit SMD 3.2x2.5 54.00MHz
REV. NO.: 1
TZ2494E TAI-SAW-TZ2494E Datasheet
115Kb / 7P
Crystal Unit SMD 3.2x2.5 54.00MHz
REV. NO.: 1
TZ2495A TAI-SAW-TZ2495A Datasheet
304Kb / 7P
Glass SMD 3.2x2.5 24MHz Crystal Unit
REV. NO.: 1.0
More results


Similar Description - TZ2498A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1391A TAI-SAW-TZ1391A Datasheet
211Kb / 3P
HC49US 13.225MHz Crystal Unit
REV. NO.: 1.0
TZ1945A TAI-SAW-TZ1945A Datasheet
210Kb / 4P
HC49US DIP 20MHz Crystal Unit
REV. NO.: 1.0
TZ1980A TAI-SAW-TZ1980A Datasheet
71Kb / 5P
HC49US 22.1184MHz Crystal Unit
REV. NO.: 1.0
TZ2136A TAI-SAW-TZ2136A Datasheet
76Kb / 5P
HC49US 20MHz Crystal Unit
REV. NO.: 1.0
TZ2167A TAI-SAW-TZ2167A Datasheet
69Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ2420A TAI-SAW-TZ2420A Datasheet
321Kb / 5P
HC49US 24MHz Crystal Unit
REV. NO.: 1.0
TZ2424A TAI-SAW-TZ2424A Datasheet
320Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2434A TAI-SAW-TZ2434A Datasheet
340Kb / 5P
HC49US 32MHz Crystal Unit
REV. NO.: 1.0
TZ2500A TAI-SAW-TZ2500A Datasheet
320Kb / 5P
HC49US 20MHz Crystal Unit
REV. NO.: 1.0
TZ2507A TAI-SAW-TZ2507A Datasheet
318Kb / 5P
HC49US 27MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com