Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ1916E Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1916E Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ1916E
Download  TZ1916E Download
File Size   127.92 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 24.00MHz

TZ1916E Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ1916E Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1916E
Download  TZ1916E Click to download

File Size   127.92 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 24.00MHz

TZ1916E Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ1916E Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package
Moisture Sensitivity Level (MSL) : Level-1
AECQ-200 Compliant

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for customer for use in wireless communications
devices, especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ1916E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1913A TAI-SAW-TZ1913A Datasheet
152Kb / 8P
Crystal Unit SMD 2.0x1.6 19.2MHz
REV. NO.: 2.0
TZ1915A TAI-SAW-TZ1915A Datasheet
295Kb / 4P
HC49US DIP 25MHz Crystal Unit
REV. NO.: 1.0
TZ1917B TAI-SAW-TZ1917B Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ1917B TAI-SAW-TZ1917B Datasheet
125Kb / 8P
Crystal Unit SMD 3.2x2.5 12.80MHz
REV. NO.: 2
More results


Similar Description - TZ1916E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0348A TAI-SAW-TZ0348A Datasheet
120Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 5
TZ0476B TAI-SAW-TZ0476B Datasheet
135Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 3.0
TZ1001E TAI-SAW-TZ1001E Datasheet
117Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
TZ1948BA4314 TAI-SAW-TZ1948BA4314 Datasheet
119Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
TZ2441C TAI-SAW-TZ2441C Datasheet
131Kb / 8P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
TZ2569A TAI-SAW-TZ2569A Datasheet
129Kb / 8P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
TZ2612D TAI-SAW-TZ2612D Datasheet
267Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com