Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TZ1913A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1913A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ1913A
Download  TZ1913A Download
File Size   152.7 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.0x1.6 19.2MHz

TZ1913A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ1913A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ1913A
Download  TZ1913A Click to download

File Size   152.7 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.0x1.6 19.2MHz

TZ1913A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ1913A Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 2.0mmx1.6mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ1913A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1915A TAI-SAW-TZ1915A Datasheet
295Kb / 4P
HC49US DIP 25MHz Crystal Unit
REV. NO.: 1.0
TZ1916E TAI-SAW-TZ1916E Datasheet
127Kb / 7P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 2
TZ1917B TAI-SAW-TZ1917B Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
TZ1917B TAI-SAW-TZ1917B Datasheet
125Kb / 8P
Crystal Unit SMD 3.2x2.5 12.80MHz
REV. NO.: 2
More results


Similar Description - TZ1913A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0617AA1150 TAI-SAW-TW0617AA1150 Datasheet
160Kb / 8P
Crystal Oscillator SMD 2.0x1.6 19.2MHz
REV. NO: 1
TZ0189A TAI-SAW-TZ0189A Datasheet
236Kb / 5P
SMD 4.0x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ0446A TAI-SAW-TZ0446A Datasheet
225Kb / 5P
SMD 4.0x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ0715A TAI-SAW-TZ0715A Datasheet
182Kb / 5P
SMD 5.0x3.2 19.2MHz Crystal Unit
REV. NO.: 1
TZ1008B TAI-SAW-TZ1008B Datasheet
423Kb / 8P
Crystal Unit SMD 3.2x2.5 19.2MHz
REV. NO.: 3
TZ1079A TAI-SAW-TZ1079A Datasheet
202Kb / 5P
SMD 4.0x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ1539A TAI-SAW-TZ1539A Datasheet
446Kb / 7P
SMD 3.2x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ1741A TAI-SAW-TZ1741A Datasheet
436Kb / 7P
Crystal Unit SMD 3.2x2.5 19.2MHz
REV. NO.: 1
TZ1835A TAI-SAW-TZ1835A Datasheet
135Kb / 8P
Crystal Unit SMD 2.5x2.0 19.2MHz
REV. NO.: 1
TZ2576A TAI-SAW-TZ2576A Datasheet
118Kb / 7P
Crystal Unit SMD 5.0x3.2 19.2MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com