Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DIO5060A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO5060A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO5060A
Download  DIO5060A Download
File Size   1645.25 Kbytes
Page   19 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Battery Charger

DIO5060A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO5060A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO5060A
Download  DIO5060A Click to download

File Size   1645.25 Kbytes
Page   19 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Battery Charger

DIO5060A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO5060A Product details

Features
 Input overvoltage protection with 6.5 V
 Charge status indicator
 Charge current accuracy: 10%
 Charge voltage accuracy: 0.7%
 Battery supplement mode
 Supports from 10 mA up to 600 mA charge
current with current monitoring output (ISET)
 Programmable pre-charge current by resistor
 Programmable ITERM charge current by
resistor
 Pre-charge for 30 minutes safety timing
 Fast-charge for 6 hours safety timing
 Under 1 uA leakage off the battery, when no
input power attached
 SEL1 and SEL2 pins control 0.5C, 1C, 2C of
fast-charge (DIO5060A)
 50 μA standby current into IN pin after full
charge
Applications
 Smart phones
 Portable media players
 Portable navigation devices
 Low-power handheld device
Descriptions
The DIO5060A/B series are integrated Li-Ion linear
chargers and system power path management
devices that are targeted at space-limited
portable applications. The charger accepts an
input voltage of up to 25 V but is disabled when
the input voltage exceeds the OVP threshold,
typically 6.5 V, to prevent excessive power
dissipation. The 25 V rating eliminates the
overvoltage protection circuit required in a low
input-voltage charger. The input voltage range
with input overvoltage protection supports
unregulated adapters.
The DIO5060A/B features dynamic power path
management (DPPM) that powers the system
while simultaneously and independently charging
the battery. The DPPM circuit reduces the charge
current when the input current limit causes the
system output to fall to the DPPM threshold; thus,
supplying the system load at all times when
monitoring the charge current separately. This
feature reduces the number of charge and
discharge cycles on the battery, allows for proper
charge termination, and enables the system to
run with a defective or absent battery pack.




Similar Part No. - DIO5060A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO50581A DIOO-DIO50581A Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581ACD10 DIOO-DIO50581ACD10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581ACN10 DIOO-DIO50581ACN10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581BCD10 DIOO-DIO50581BCD10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
DIO50581BCN10 DIOO-DIO50581BCN10 Datasheet
719Kb / 14P
DIO50581A/B/D 10~300mA, Single Cell Charger
Rev 2.2
More results


Similar Description - DIO5060A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
BATTERY CHARGER
GSCC-8.507BC-E
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
Smart Battery Charger
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Maxim Integrated Produc...
MAX8856 MAXIM-MAX8856 Datasheet
156Kb / 13P
Linear Battery Charger
Rev 0; 9/08
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com