Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DIO50581ACN10 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO50581ACN10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO50581ACN10
Download  DIO50581ACN10 Download
File Size   719.13 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description DIO50581A/B/D 10~300mA, Single Cell Charger

DIO50581ACN10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO50581ACN10 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO50581ACN10
Download  DIO50581ACN10 Click to download

File Size   719.13 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description DIO50581A/B/D 10~300mA, Single Cell Charger

DIO50581ACN10 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO50581ACN10 Product details

Features
 Broad Programmable Charging Current:
10~300mA
 Maximum Voltage Power Input: 30V
 Programmable Charge Termination Current
 Automatic Recharge Threshold:
DIO50581A: 4.25V
DIO50581B: 4.215V
DIO50581D: 4.05V
 Final Float Voltage:
DIO50581A: 4.4V
DIO50581B: 4.365V
DIO50581D: 4.2V
 Trickle Charge Threshold: 2.5V
 Charge Status Output Pin
 Soft-Start Limits Inrush Current
 Over Voltage Lockout Protection
 Over-Temperature Protection
 Under Voltage Lockout Protection
 Reverse current protection between BAT and
GND pins
 Package: DFN2*2-10, DFN3*3-10
Descriptions
The DIO50581A/B/D is a complete constantcurrent
/ constant voltage linear charger for single
cell Lithium-Ion batteries. No external sense
resistor is needed, and no blocking diode is
required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to
limit the die temperature during high power
operation or high ambient temperature. The
charge voltage is fixed at 4.4V for DIO50581A,
4.365V for DIO50581B and 4.2V for DIO50581D, the
charge current and the terminal current can be
programmed externally with resistors. The input
voltage is up to 30V.
When the input supply (wall adapter or USB
supply) is removed, the DIO50581A/B/D
automatically enters a low current state, dropping
the battery drain current to less than 1.0μA.
The DIO50581A/B/D is available in packages with
DFN2*2-10 and DFN3*3-10.
Applications
 Wireless phone
 MP3/MP4 Player
 Bluetooth device




Similar Part No. - DIO50581ACN10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO5060A DIOO-DIO5060A Datasheet
1Mb / 19P
Battery Charger
Rev 1.8
DIO5060A420CN10 DIOO-DIO5060A420CN10 Datasheet
1Mb / 19P
Battery Charger
Rev 1.8
DIO5060A435CN10 DIOO-DIO5060A435CN10 Datasheet
1Mb / 19P
Battery Charger
Rev 1.8
DIO5060A440CN10 DIOO-DIO5060A440CN10 Datasheet
1Mb / 19P
Battery Charger
Rev 1.8
DIO5060A445CN10 DIOO-DIO5060A445CN10 Datasheet
1Mb / 19P
Battery Charger
Rev 1.8
More results


Similar Description - DIO50581ACN10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
Texas Instruments
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
logo
Intersil Corporation
ISL78693 INTERSIL-ISL78693 Datasheet
626Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
December 12, 2016
logo
Renesas Technology Corp
ISL78693 RENESAS-ISL78693 Datasheet
966Kb / 18P
Automotive Single-Cell LiFePO4 Battery Charger
logo
Will Semiconductor Ltd.
WS4518D WILLSEMI-WS4518D Datasheet
362Kb / 13P
300mA, Single Li-ion Battery Charger
WS4518DH WILLSEMI-WS4518DH Datasheet
367Kb / 14P
300mA, Single Li-ion Battery Charger
WS4518E WILLSEMI-WS4518E Datasheet
330Kb / 11P
300mA, Single Li-ion Battery Charger
logo
Maxim Integrated Produc...
MAX77975EVKIT MAXIM-MAX77975EVKIT Datasheet
5Mb / 32P
High-Efficiency Single-Cell Switching Charger
319-100597; Rev 1; 11/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com