Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DIO5907X Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO5907X Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO5907X
Download  DIO5907X Download
File Size   919.82 Kbytes
Page   17 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path

DIO5907X Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO5907X Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO5907X
Download  DIO5907X Click to download

File Size   919.82 Kbytes
Page   17 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path

DIO5907X Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO5907X Product details

Features
 Fully compliant USB charger
 Selectable 100 mA and 500 mA maximum
input current
 100 mA maximum current limit ensures
compliance to USB-IF standard
 Input-based dynamic power management
(VIN- DPM) for protection against poor USB
sources
 10% charge current accuracy
 1% charge voltage accuracy
 28 V input rating with overvoltage protection
 Integrated dynamic power path management
(DPPM) function simultaneously and
independently powers the system and
charges the battery
 Supports up to 1.1 A charge current with
current monitoring output (ISET)
 Programmable input current limit up to 1.1 A
for wall adapters
 Programmable termination current
(DIO59078)
 Programmable pre-charge and fast-charge
safety timers
 Reverse current, short-circuit and thermal
protection
 NTC thermistor input
 Proprietary start-up sequence limits inrush
current
 Status indication–charging/done, power good
Descriptions
The DIO5907x series of devices are integrated
Li-Ion linear chargers and system power path
management devices targeted at space-limited
portable applications. The devices operate from
either a USB port or an AC adapter and support
charge currents up to 1.1 A. The input voltage
range with input overvoltage protection supports
unregulated adapters. The USB input current limit
accuracy and start up sequence allow the
DIO5907x to meet USB-IF inrush current
specifications. Additionally, the input dynamic
power management (VIN-DPM) prevents the charger
from crashing incorrectly configured USB
sources.
The DIO5907x features dynamic power path
management (DPPM) that powers the system
while simultaneously and independently charging
the battery. The DPPM circuit reduces the charge
current when the input current limit causes the
system output to fall to the DPPM threshold; thus,
supplying the system load at all times while
monitoring the charge current separately.
Applications
 Smart phones
 Portable media players
 Portable navigation devices
 Low-power handheld device




Similar Part No. - DIO5907X

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO59618A DIOO-DIO59618A Datasheet
1Mb / 33P
30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
Version 1.0, Oct 2025
DIO59618ACN20 DIOO-DIO59618ACN20 Datasheet
1Mb / 33P
30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
Version 1.0, Oct 2025
More results


Similar Description - DIO5907X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Texas Instruments
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25185 TI-BQ25185 Datasheet
1Mb / 32P
BQ25185 1-Cell, 1-A Standalone Linear Battery Charger with Power Path, Factory Mode, and Battery Tracking VINDPM
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com