Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DIO59618A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO59618A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO59618A
Download  DIO59618A Download
File Size   1575.52 Kbytes
Page   33 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path

DIO59618A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO59618A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO59618A
Download  DIO59618A Click to download

File Size   1575.52 Kbytes
Page   33 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path

DIO59618A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO59618A Product details

 Features
 Build in power path NFETs and power switches
 1.0 MHz switching frequency operation
 Trickle current/constant current/constant voltage
charge mode with internal compensation
 Maximum 1.5 A charge current
 Up to 93% efficiency in boost mode
 Up to 93% efficiency in buck mode
 ±0.5% cell voltage accuracy
 Programmable charge current
 Programmable output voltage
 Dynamic power management
 2 independent discharge channels
 Input voltage UVLO and OVP
 Supports bidirectional communication
 Boost output short circuit protection
 The current accuracy is up to 5%
 Multiple-output pin with VBAT, IBAT, IVOR,
IVOL, NTC
 Integrate a 3.0 V/30 mA LDO for external MCU
 Safety-related certification: lEC 62368-1
 Applications
 True wireless stereo headphones
 Tablet, portable media players
 Electronic cigarettes
 Smart video doorbell
 Description
The DIO59618A is a highly integrated power
management IC that integrates functions such as
Buck, Boost, power path management, LDO, two
independent discharge management, and
independent detection for load. In addition, the chip
integrates temperature protection, input overvoltage,
faulty battery, and charging timeout protection,
making the charging process very safe and reliable.
The DIO59618A supports charging and discharging
voltage and current regulation through I2C
communication, it integrates two output current
limiting switches and provides independent load
presence and access detection.
The DIO59618A integrates communication ports,
enabling high-speed communication between the
MCU and earphones, greatly simplifying peripheral
components and circuits.
The DIO59618A synchronous boost system supports
a maximum output current of 1 A with an efficiency of
up to 93%. It also supports low quiescent power
consumption, which can be as low as 1 μA in ship
mode.




Similar Part No. - DIO59618A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO59073BCL16 DIOO-DIO59073BCL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59073CL16 DIOO-DIO59073CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59075CL16 DIOO-DIO59075CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59076CL16 DIOO-DIO59076CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
DIO59078CL16 DIOO-DIO59078CL16 Datasheet
919Kb / 17P
Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
Rev 1.6
More results


Similar Description - DIO59618A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
uPI Group Inc.
UP8011 UPI-UP8011 Datasheet
167Kb / 12P
Highly Integrated Single-Cell Li-ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com