Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMSN3901 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSN3901 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSN3901
Download  FMSN3901 Download
File Size   1436.29 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 25 MHz to 6 GHz With SMA Output

FMSN3901 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSN3901 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSN3901
Download  FMSN3901 Click to download

File Size   1436.29 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 25 MHz to 6 GHz With SMA Output

FMSN3901 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSN3901 Product details

Features
• directly by a host PC and a Female SMA output connector, and is VISA compliant
• which enables seamless cross platform use. The synthesizer can be GUI controlled
• via Windows®, Macintosh®, or Linux® platforms, or with SCPI compliant VISA
• commands (downloadable user manual), or with other system design software
• such as LabVIEW®. The compact size makes it ideal for bench top test and
• measurement use or for radar and communication systems. Frequency resolution
• of the FMSN3901 is available in integer and fractional operating modes and the
• User can select between an internal reference (capable of phase locking) or
• externally applied reference. The module supports integrated phase locked loop
• (PLL) circuitry that the User can select between an internal reference (capable of
• phase locking) or externally applied reference. The RF Synthesizer Module comes
• complete with a USB 2.0 A extension and an SMA male to MMCX plug cable.
Features
• Wideband Output Frequency
• 25 MHz to 6 GHz
• Integer and Fractional
• operating modes
• Up to 50 dB Attenuation
• adjustable in 1 dB steps
• USB 2.0 Interface
• Female SMA output
• USBTMC VISA Compliant
• User Selectable internal
• reference or externally
• applied reference
• Small compact package size
• LED indicators
• Downloadable User Manual
• Accessory cables included
• Applications:
• Signal Generators
• Test Equipment
• RF System Integration
• Communication Systems
• EW Systems
• UHF/VHF Systems
• Radar Systems
• Frequency Conversion
• SIGINT
• FMSN3901
• DATA SHEET




Similar Part No. - FMSN3901

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSN3900 FAIRVIEW-FMSN3900 Datasheet
1Mb / 9P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 35 MHz to 4.4 GHz With SMA Output
REV 1.1
FMSN3902 FAIRVIEW-FMSN3902 Datasheet
1Mb / 8P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 5 GHz to 10 GHz With SMA Output
REV 1.1
FMSN3903 FAIRVIEW-FMSN3903 Datasheet
1Mb / 7P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 10 GHz to 20 GHz With SMA Output
REV 1.0
FMSN3906 FAIRVIEW-FMSN3906 Datasheet
721Kb / 5P
SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 100 MHz Step Size, 100 MHz External Ref. Phase Noise -90 dBc/Hz, 5 Vdc, SMA
REV 1A
FMSN3907 FAIRVIEW-FMSN3907 Datasheet
721Kb / 5P
SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 50 MHz Step Size, 100 MHz External Reference, -90 dBc/Hz Phase Noise, 5 Vdc, SMA
REV 1A
More results


Similar Description - FMSN3901

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
Samsung semiconductor
AL2007LA SAMSUNG-AL2007LA Datasheet
242Kb / 16P
Phase-Locked Loop (PLL) frequency synthesizer constructed in CMOS on single monolithic structure
logo
Texas Instruments
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
logo
Cypress Semiconductor
CY241V8A-11 CYPRESS-CY241V8A-11 Datasheet
481Kb / 9P
Integrated phase locked loop (PLL)
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
5/15-Rev. C to Rev. D
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com