Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMSN3902 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSN3902 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSN3902
Download  FMSN3902 Download
File Size   1823.63 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 5 GHz to 10 GHz With SMA Output

FMSN3902 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSN3902 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSN3902
Download  FMSN3902 Click to download

File Size   1823.63 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 5 GHz to 10 GHz With SMA Output

FMSN3902 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSN3902 Product details

Features
• a USB 2.0 interface that is powered and command controlled directly by
• a host PC and a Female SMA output connector, and is VISA compliant which
• enables seamless cross platform use. The synthesizer can be GUI controlled
• via Windows®, Macintosh®, or Linux® platforms, or with SCPI compliant VISA
• commands (downloadable user manual), or with other system design software
• such as LabVIEW®. The compact size makes it ideal for bench top test and
• measurement use or for radar and communication systems. Frequency resolution
• of the FMSN3902 is available in integer and fractional operating modes and the
• User can select between an internal reference or externally applied reference.
• The module supports integrated phase locked loop (PLL) circuitry that the User
• can select between an internal reference (capable of phase locking) or externally
• applied reference. The RF Synthesizer Module comes complete with a USB 2.0 A
• extension and an SMA male to MMCX plug cable.
Features
• Wideband Output Frequency
• 5 GHz to 10 GHz
• Integer and Fractional
• operating modes
• +18 dBm max output power
• 30 dB Attenuation
• adjustable in 1 dB steps
• USB 2.0 Interface
• Female SMA output
• USBTMC VISA Compliant
• User Selectable internal
• reference or externally
• applied reference
• Small Compact package size
• LED indicators
• Downloadable User Manual
• Accessory cables included
• Applications:
• Signal Generators
• Test Equipment
• RF System Integration
• Communication Systems
• EW Systems
• C-Band and X-Band Systems
• Radar Systems
• Frequency Conversion
• SIGINT
• FMSN3902
• DATA SHEET




Similar Part No. - FMSN3902

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSN3900 FAIRVIEW-FMSN3900 Datasheet
1Mb / 9P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 35 MHz to 4.4 GHz With SMA Output
REV 1.1
FMSN3901 FAIRVIEW-FMSN3901 Datasheet
1Mb / 8P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 25 MHz to 6 GHz With SMA Output
REV 1.0
FMSN3903 FAIRVIEW-FMSN3903 Datasheet
1Mb / 7P
USB Frequency Synthesizer PLL (Phase Locked Loop), Operating From 10 GHz to 20 GHz With SMA Output
REV 1.0
FMSN3906 FAIRVIEW-FMSN3906 Datasheet
721Kb / 5P
SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 100 MHz Step Size, 100 MHz External Ref. Phase Noise -90 dBc/Hz, 5 Vdc, SMA
REV 1A
FMSN3907 FAIRVIEW-FMSN3907 Datasheet
721Kb / 5P
SPI Frequency Synthesizer, 1 GHz to 6.4 GHz, 18 dBm Pout, 50 MHz Step Size, 100 MHz External Reference, -90 dBc/Hz Phase Noise, 5 Vdc, SMA
REV 1A
More results


Similar Description - FMSN3902

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
logo
National Semiconductor ...
DS8907 NSC-DS8907 Datasheet
164Kb / 8P
Phase-Locked Loop Frequency Synthesizer
logo
Toshiba Semiconductor
TB31242FN TOSHIBA-TB31242FN Datasheet
374Kb / 10P
1.8 GHZ SINGLE PLL FREQUENCY SYNTHESIZER
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
List of Unclassifed Man...
FS8160 ETC1-FS8160 Datasheet
250Kb / 13P
1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
logo
Motorola, Inc
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
1.1 GHZ PLL FREQUENCY SYNTHESIZER
logo
Pasternack Enterprises,...
PE8253 PASTERNACK-PE8253 Datasheet
211Kb / 3P
50 Ohm SMA To SMA Phase Shifter Operating From 18 GHz to 26.5 GHz With an Adjustable Phase of 30.00 Deg. Per GHz
logo
Cypress Semiconductor
CY241V8A-11 CYPRESS-CY241V8A-11 Datasheet
481Kb / 9P
Integrated phase locked loop (PLL)
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com