Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC23-11YWA Datasheet (PDF) - Kingbright Corporation

SC23-11YWA Datasheet PDF - Kingbright Corporation
Part # SC23-11YWA
Download  SC23-11YWA Download
File Size   236.1 Kbytes
Page   5 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY

SC23-11YWA Datasheet (PDF)

Go To PDF Page Download Datasheet
SC23-11YWA Datasheet PDF - Kingbright Corporation

Part # SC23-11YWA
Download  SC23-11YWA Click to download

File Size   236.1 Kbytes
Page   5 Pages
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation
Description 56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY

SC23-11YWA Datasheet (HTML) - Kingbright Corporation


SC23-11YWA Product details

Description

The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode.

The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.

The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.

The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.

The Super Bright Red source color devices are made with Gallium Aluminum Arsenide R ed Light Emitting Diode.



Features

• LARGE SIZE.

• 2.3 INCH DIGIT HEIGHT.

• LOW CURRENT OPERATION.

• EXCELLENT CHARACTER APPEARANCE.

• HIGH LIGHT OUTPUT.

• EASY MOUNTING ON P.C. BOARDS OR SOCKETS.

• I.C. COMPATIBLE.

• MULTICOLOR AVAILABLE.

• CATEGORIZED FOR LUMINOUS INTENSITY, YELLOW AND GREEN CATEGORIZED FOR COLOR .

• MECHANICALLY RUGGED.

• STANDARD : GRAY FACE, WHITE SEGMENT.



 




Similar Part No. - SC23-11YWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC23-11 ETC-SC23-11 Datasheet
769Kb / 6P
57 MM SINGLE DIGIT NUMERIC DISPLA
logo
Kingbright Corporation
SC23-11EWA KINGBRIGHT-SC23-11EWA Datasheet
236Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11SRWA KINGBRIGHT-SC23-11SRWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Similar Description - SC23-11YWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA23-11SRWA KINGBRIGHT-SA23-11SRWA Datasheet
235Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12YWA KINGBRIGHT-SC23-12YWA Datasheet
235Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12SRWA KINGBRIGHT-SC23-12SRWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12GWA KINGBRIGHT-SC23-12GWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-12EWA KINGBRIGHT-SC23-12EWA Datasheet
236Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11SRWA KINGBRIGHT-SC23-11SRWA Datasheet
234Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11EWA KINGBRIGHT-SC23-11EWA Datasheet
236Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-11GWA KINGBRIGHT-SA23-11GWA Datasheet
235Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SA23-12GWA KINGBRIGHT-SA23-12GWA Datasheet
235Kb / 5P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SBA23-11EGWA KINGBRIGHT-SBA23-11EGWA Datasheet
311Kb / 6P
56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
More results




About Kingbright Corporation


Kingbright Corporation is a technology company that specializes in the design, manufacture, and sale of LED components and LED-based lighting products. The company was founded in 1980 and is headquartered in Taipei, Taiwan. Kingbright has a global presence, with operations and customers in over 60 countries around the world.

Kingbright provides a wide range of LED components and lighting products, including surface-mount and through-hole LEDs, LED displays, LED lighting modules, and LED lighting fixtures. The company's products are used in a variety of applications, including automotive, consumer electronics, industrial, and lighting.

Kingbright is known for its expertise in LED technology and its ability to provide high-quality and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the LED market. Kingbright is a recognized leader in the LED market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com