Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC23-11YWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # SC23-11YWA
Description  56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC23-11YWA Datasheet(HTML) 2 Page - Kingbright Corporation

  SC23-11YWA Datasheet HTML 1Page - Kingbright Corporation SC23-11YWA Datasheet HTML 2Page - Kingbright Corporation SC23-11YWA Datasheet HTML 3Page - Kingbright Corporation SC23-11YWA Datasheet HTML 4Page - Kingbright Corporation SC23-11YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD2328
REV NO: V.7
DATE: JUN/04/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000828
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
SC23-11YWA
Yellow (GaAsP/GaP)
WHITE DIFFUSED
8000
26500
Common Cathode.
Rt. Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Per Segment Or (DP)
Yellow
8.4
(4.2)
10.0
(5.0)
V
IF=20mA
IR
Reverse Current
Per Segment Or (DP)
Yellow
10
(10)
uA
VR=20V
(VR=10V)
Parameter
Yellow
Units
Power dissipation
Per Segment Or (DP)
300
(150)
mW
DC Forward Current
Per Segment Or (DP)
30
(30)
mA
Peak Forward Current [1]
Per Segment Or (DP)
140
(140)
mA
Reverse Voltage
Per Segment Or (DP)
20
(10)
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com