Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

51-252.026. Datasheet (PDF) - EAO AG.

51-252.026. Datasheet PDF - EAO AG.
Part # 51-252.026.
Download  51-252.026. Download
File Size   374.99 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Stop switch complete

51-252.026. Datasheet (PDF)

Go To PDF Page Download Datasheet
51-252.026. Datasheet PDF - EAO AG.

Part # 51-252.026.
Download  51-252.026. Click to download

File Size   374.99 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Stop switch complete

51-252.026. Datasheet (HTML) - EAO AG.


51-252.026. Product details

Mounting
Mounting cut-out Ø 16 mm
Design raised
Front
Front dimension Ø 24.5 mm
Front shape round
Other Attributes
Weight 0,011 kg
Operating-/Indication part
Lens material Plastic
Lens colour red
Lens profile Mushroom
Lens optics opaque
Lens illumination non-illuminative




Similar Part No. - 51-252.026.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
51-252_026 EAO-51-252_026 Datasheet
410Kb / 4P
Actuator
More results


Similar Description - 51-252.026.

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGL700U120D4G MICROSEMI-APTGL700U120D4G_10 Datasheet
215Kb / 5P
Single switch Trench Field Stop IGBT4 Power Module
logo
Linear Technology
DC1307A LINER-DC1307A Datasheet
253Kb / 22P
Complete Switch Mode Power Supply
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
Festo Corporation.
SDK-3-PK-3 FESTO-SDK-3-PK-3 Datasheet
83Kb / 1P
End stop limit switch
SDK-4-PK-3 FESTO-SDK-4-PK-3 Datasheet
83Kb / 1P
End stop limit switch
SVK-3-PK-3 FESTO-SVK-3-PK-3 Datasheet
104Kb / 1P
End stop limit switch
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
XB4BS8445GEX SCHNEIDER-XB4BS8445GEX Datasheet
147Kb / 5P
Complete emergency stop push button, Harmony XB4, Explosive atmosphere, TURN TO RELEASE
Jan 9, 2022
XB4BT845GEX SCHNEIDER-XB4BT845GEX Datasheet
142Kb / 5P
Complete emergency stop push button, Harmony XB4, Explosive atmosphere, pull
Jan 9, 2022
logo
Maxim Integrated Produc...
MAX17515 MAXIM-MAX17515_V01 Datasheet
1Mb / 15P
Complete Switch-Mode Power Supply in One Package
2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com