Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

51-252.026. Datasheet(PDF) 2 Page - EAO AG.

Part # 51-252.026.
Description  Stop switch complete
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-252.026. Datasheet(HTML) 2 Page - EAO AG.

  51-252.026. Datasheet HTML 1Page - EAO AG. 51-252.026. Datasheet HTML 2Page - EAO AG.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51-252.026 - Stop switch complete
Dimensions
H = Universal terminal 2.0 x 0.5 mm
Mounting cut-outs
Wiring diagram
Additional information
Marking arrows
If the anti-twist ring is not used the panel thickness increases to 4
mm
Legend
Contacts: NC = Normally closed, NO = Normally open
Switching action: C = Maintained
Stand: 27.11.2017



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com