Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L1823 Datasheet (PDF) - OSRAM GmbH

L1823 Datasheet PDF - OSRAM GmbH
Part # L1823
Download  L1823 Download
File Size   62.53 Kbytes
Page   1 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description T8 L 18W BASIC

L1823 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1823 Datasheet PDF - OSRAM GmbH

Part # L1823
Download  L1823 Click to download

File Size   62.53 Kbytes
Page   1 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description T8 L 18W BASIC

L1823 Datasheet (HTML) - OSRAM GmbH


L1823 Product details

PRODUCT FEATURES
· Fluorescent Lamp with 26 mm diameter.
· Available light colours: Cool Daylight (765), Cool White (640)




Similar Part No. - L1823

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L182 IXYS-L182 Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
logo
List of Unclassifed Man...
L1820 ETC2-L1820 Datasheet
523Kb / 4P
Tough enough for industrial environments.
logo
3M Electronics
L1820 3M-L1820 Datasheet
344Kb / 5P
Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
Mar-2017
logo
List of Unclassifed Man...
L1820C ETC2-L1820C Datasheet
523Kb / 4P
Tough enough for industrial environments.
L1820P ETC2-L1820P Datasheet
523Kb / 4P
Tough enough for industrial environments.
More results


Similar Description - L1823

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
logo
P-tec Corporation
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
G4 IPS LED T8 TUBE
E58I P-TEC-E58I Datasheet
388Kb / 4P
E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
E68i T8 LED Tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
T8 LED tube
logo
Monolithic Power System...
EV4026-J-00C MPS-EV4026-J-00C Datasheet
558Kb / 14P
Universal Input, 18W Primary-side-control with Active PFC Isolated T8 LED Lamp Driver Evaluation Board
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear 220V/18W/T8 tube light scheme
RM9003B_18W REACTOR-RM9003B_18W Datasheet
197Kb / 2P
High-voltage linear 220V/18W/external T8 tube light scheme
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com