Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L1823 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # L1823
Description  T8 L 18W BASIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

L1823 Datasheet(HTML) 1 Page - OSRAM GmbH

  L1823 Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Fluorescent Lamp with 26 mm diameter.
•
Available light colours: Cool Daylight (765), Cool White (640)
Frequency
(Hz)
:
50 Hz-Operation
Lamp wattage
(W)
:
18
Nominal current (CCG-operation) uncompensated
(A)
:
0,37
Lamp arc voltage UL after switch-on (
±10%)
(V)
:
57
Resistance / Impedance Z (for CCG)
(
Ω)
:
155
System power – CCG-operation
(W)
:
depends on EEI-class of CCG
Pre-heat current IEC 81
(mA)
:
550
Luminance
(cd/cm²) :
1,0
Compensation capacitor (power factor
≈1 for CCG)
(
µF)
:
4,5
Row capacitor for CCG duo wiring
(
µF/Vc) :
2,7/480
Average life time (50% failure rate)
(h)
:
13000 (CCG)
Economical life time (80% lum. flux from initial 100h value)
(h)
:
5000 (CCG)
Note:
*Measurement in accordance with EN 60081, annex C.
The lamps meet EN 60081 and EN 61195 requirements.
Starter and ballasts have to meet EN 60155 and EN 60921 requirements.
FL M-M, edition: 02/06
Reserved for changes – Data serve for orientation.
** at >20 KHz operation and aged 100h; 25°C ambient temperature
Technical Information FL
T8 L 18W BASIC
PHYSICAL DIMENSIONS
PRODUCT FEATURES
Technical Data
Life Time*
PHOTOMETRICAL DATA
595,7
± 1,2
589,8
604,0
∅ 25,0 ± 1,5
Cap: G13
L 18W/765
1050
70...79
6500
L 18W/640
1200
60…69
4000
Labelling in brand OSRAM
Rated luminous flux** (lm)
Colour rendering index (Ra)
Colour temperature (K)
[in mm]


Similar Part No. - L1823

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L182 IXYS-L182 Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
logo
List of Unclassifed Man...
L1820 ETC2-L1820 Datasheet
523Kb / 4P
Tough enough for industrial environments.
logo
3M Electronics
L1820 3M-L1820 Datasheet
344Kb / 5P
Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
Mar-2017
logo
List of Unclassifed Man...
L1820C ETC2-L1820C Datasheet
523Kb / 4P
Tough enough for industrial environments.
L1820P ETC2-L1820P Datasheet
523Kb / 4P
Tough enough for industrial environments.
More results

Similar Description - L1823

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
logo
OSRAM GmbH
QTP81X36 OSRAM-QTP81X36 Datasheet
52Kb / 2P
QUICKTRONIC짰PROFESSIONAL T8 ECG for T8/26mm fluorescent lamps
logo
P-tec Corporation
PLSO-T8AG4-WXXXX-60 P-TEC-PLSO-T8AG4-WXXXX-60 Datasheet
570Kb / 2P
G4 IPS LED T8 TUBE
E58I P-TEC-E58I Datasheet
388Kb / 4P
E58i T8 LED
E68I P-TEC-E68I Datasheet
208Kb / 2P
E68i T8 LED Tube
logo
Ningbo Foryard Optoelec...
FYT8-3528UW-B-288 FORYARD-FYT8-3528UW-B-288 Datasheet
552Kb / 5P
T8 LED tube
FYT8-5050UW3-B-96 FORYARD-FYT8-5050UW3-B-96 Datasheet
489Kb / 5P
T8 LED tube
logo
Monolithic Power System...
EV4026-J-00C MPS-EV4026-J-00C Datasheet
558Kb / 14P
Universal Input, 18W Primary-side-control with Active PFC Isolated T8 LED Lamp Driver Evaluation Board
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear 220V/18W/T8 tube light scheme
RM9003B_18W REACTOR-RM9003B_18W Datasheet
197Kb / 2P
High-voltage linear 220V/18W/external T8 tube light scheme
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com