Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XOA91 Datasheet (PDF) - EUROQUARTZ limited

XOA91 Datasheet PDF - EUROQUARTZ limited
Part # XOA91
Download  XOA91 Download
File Size   273.88 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 7 x 5mm High Frequency Low Jitter HCMOS Clock Oscillator

XOA91 Datasheet (PDF)

Go To PDF Page Download Datasheet
XOA91 Datasheet PDF - EUROQUARTZ limited

Part # XOA91
Download  XOA91 Click to download

File Size   273.88 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 7 x 5mm High Frequency Low Jitter HCMOS Clock Oscillator

XOA91 Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - XOA91

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOA32 EUROQUARTZ-XOA32 Datasheet
110Kb / 1P
3.2 x 2.5mm SMD oscillator with AT-Cut Crystal
XOA53 EUROQUARTZ-XOA53 Datasheet
115Kb / 1P
5 x 3mm SMD oscillator with AT-Cut Crystal
More results


Similar Description - XOA91

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
HCMOS 7 x 5mm 2.5V Oscillator
FXO-HC73 FOX-FXO-HC73 Datasheet
360Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
logo
EUROQUARTZ limited
XO91 EUROQUARTZ-XO91 Datasheet
131Kb / 2P
7 x 5mm SMD HCMOS
XOK91 EUROQUARTZ-XOK91 Datasheet
243Kb / 1P
7 x 5mm Low Power Consumption Clock Oscillator
XOV91 EUROQUARTZ-XOV91 Datasheet
271Kb / 1P
7 x 5mm High Frequency HCMOS Clock Oscillator
XOF91 EUROQUARTZ-XOF91 Datasheet
143Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
XOV576 EUROQUARTZ-XOV576 Datasheet
180Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
XOW91 EUROQUARTZ-XOW91 Datasheet
159Kb / 1P
7 x 5mm High Frequency HCMOS Oscillator
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
FXO-HC736R-20 FOX-FXO-HC736R-20 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com