Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XOK91 Datasheet (PDF) - EUROQUARTZ limited

XOK91 Datasheet PDF - EUROQUARTZ limited
Part # XOK91
Download  XOK91 Download
File Size   243.17 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 7 x 5mm Low Power Consumption Clock Oscillator

XOK91 Datasheet (PDF)

Go To PDF Page Download Datasheet
XOK91 Datasheet PDF - EUROQUARTZ limited

Part # XOK91
Download  XOK91 Click to download

File Size   243.17 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 7 x 5mm Low Power Consumption Clock Oscillator

XOK91 Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - XOK91

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOK95 EUROQUARTZ-XOK95 Datasheet
246Kb / 2P
High Reliability SMD Oscillator
More results


Similar Description - XOK91

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
HCMOS 7 x 5mm 2.5V Oscillator
FXO-LC72 FOX-FXO-LC72 Datasheet
332Kb / 15P
LVDS 7 x 5mm 2.5V Oscillator
FXO-LC73 FOX-FXO-LC73 Datasheet
330Kb / 15P
LVDS 7 x 5mm 3.3V Oscillator
logo
EUROQUARTZ limited
HSR57 EUROQUARTZ-HSR57 Datasheet
103Kb / 1P
7 x 5mm SMD Sine Wave Clock Oscillator
XO53 EUROQUARTZ-XO53 Datasheet
243Kb / 1P
5 x 3.2mm Low Power Consumption Clock Oscillator
XOA91 EUROQUARTZ-XOA91 Datasheet
273Kb / 1P
7 x 5mm High Frequency Low Jitter HCMOS Clock Oscillator
XOK53 EUROQUARTZ-XOK53 Datasheet
238Kb / 1P
5 x 3.2mm SMD Low Power Consumption Clock Oscillator
XOPL72 EUROQUARTZ-XOPL72 Datasheet
282Kb / 1P
7 x 5mm Programmable LVPECL Oscillator
XOV91 EUROQUARTZ-XOV91 Datasheet
271Kb / 1P
7 x 5mm High Frequency HCMOS Clock Oscillator
logo
Fox Electronics
FXO-HC735-132 FOX-FXO-HC735-132 Datasheet
530Kb / 14P
HCMOS 7 x 5mm 3.3V Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com