Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BT151-500L Datasheet (PDF) - NXP Semiconductors

BT151-500L Datasheet PDF - NXP Semiconductors
Part # BT151-500L
Download  BT151-500L Download
File Size   153.5 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SCR, 12 A, 5mA, 500 V, SOT78

BT151-500L Datasheet (PDF)

Go To PDF Page Download Datasheet
BT151-500L Datasheet PDF - NXP Semiconductors

Part # BT151-500L
Download  BT151-500L Click to download

File Size   153.5 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SCR, 12 A, 5mA, 500 V, SOT78

BT151-500L Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BT151-500L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
logo
WeEn Semiconductors
BT151-500L WEEN-BT151-500L Datasheet
217Kb / 12P
SCR
More results


Similar Description - BT151-500L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612M STMICROELECTRONICS-TYN612M_07 Datasheet
108Kb / 8P
12 A SCR
17-Apr-2007
logo
NXP Semiconductors
BT151-500L NXP-BT151-500L Datasheet
161Kb / 11P
SCR, 12 A, 5mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500R NXP-BT151-500R Datasheet
161Kb / 11P
SCR, 12 A, 15mA, 500 V, SOT78
Rev. 05-2 March 2009
BT151-500RT NXP-BT151-500RT Datasheet
166Kb / 11P
SCR, 12 A, 15 mA, 500 V, SOT78
Rev. 01-18 May 2009
BT151-650L NXP-BT151-650L Datasheet
161Kb / 11P
SCR, 12 A, 5 mA, 650 V, SOT78
Rev. 05-2 March 2009
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
BT152-500RT NXP-BT152-500RT Datasheet
177Kb / 11P
SCR, 20 A, 32 mA, 500 V, SOT78
Rev. 01-12 May 2009
logo
Kersemi Electronic Co.,...
TYN612M KERSEMI-TYN612M Datasheet
458Kb / 7P
12 A SCR
TN1205T-600B KERSEMI-TN1205T-600B Datasheet
541Kb / 7P
12 A SCR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com