Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XR21V1412 Datasheet (PDF) - Exar Corporation

XR21V1412 Datasheet PDF - Exar Corporation
Part # XR21V1412
Download  XR21V1412 Download
File Size   643.72 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2-CH FULL-SPEED USB UART

XR21V1412 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR21V1412 Datasheet PDF - Exar Corporation

Part # XR21V1412
Download  XR21V1412 Click to download

File Size   643.72 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2-CH FULL-SPEED USB UART

XR21V1412 Datasheet (HTML) - Exar Corporation


XR21V1412 Product details

GENERAL DESCRIPTION
The XR21V1412 (V1412) is an enhanced 2-channel Universal Asynchronous Receiver and Transmitter (UART) with a USB interface. The USB interface is fully compliant to Full Speed USB 2.0 specification that supports 12 Mbps USB data transfer rate. The USB interface also supports USB suspend, resume and remote wakeup operations.
The V1412 operates from an internal 48MHz clock therefore no external crystal/oscillator is required like previous generation UARTs. With the fractional baud rate generator, any baud rate can accurately be generated using the internal 48MHz clock.
The large 128-byte FIFO and 384-byte RX FIFO of the V1412 helps to optimize the overall data throughput for various applications. The Automatic Transceiver Direction control feature simplifies both the hardware and software for half-duplex RS-485 applications. If required, the multidrop (9-bit) mode with automatic half-duplex transceiver control feature further simplifies typical multidrop RS-485 applications.
The V1412 operates from a single 2.97 to 3.63 volt power supply and has 5V tolerant inputs. The V1412 is available in a 32-pin QFN package.
Software drivers for Windows 2000, XP, Vista, and CE, as well as Linux and Mac are supported for the XR21V1412.

FEATURES
● USB 2.0 Compliant Interface
   ■ Supports 12 Mbps USB full-speed data rate
   ■ Supports USB suspend, resume and remote
      wakeup operations
● Enhanced Features of each UART
   ■ Data rates up to 12 Mbps
   ■ Fractional Baud Rate Generator
   ■ 128 byte TX FIFO
   ■ 384 byte RX FIFO
   ■ 7, 8 or 9 data bits, 1 or 2 stop bits
   ■ Automatic Hardware (RTS/CTS or DTR/DSR)
      Flow Control
   ■ Automatic Software (Xon/Xoff) Flow Control
   ■ Multidrop mode w/ Auto Half-Duplex
      Transceiver Control
   ■ Multidrop mode w/ Auto TX Enable
   ■ Half-Duplex mode
   ■ Sleep Mode with Remote Wake-up
   ■ Selectable GPIO or Modem I/O
● Internal 48 MHz clock
● Single 2.97-3.63V power supply
● 5V tolerant inputs
● 32-pin QFN package
● Virtual COM Port drivers
   ■ Windows 2000, XP and Vista
   ■ Windows CE 4.2, 5.0, 6.0
   ■ Linux
   ■ Mac

APPLICATIONS
● Portable Appliances
● External Converters (dongles)
● Battery-Operated Devices
● Cellular Data Devices
● Factory Automation and Process Controls
● Industrial applications




Similar Part No. - XR21V1412

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
288Kb / 30P
2-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
2-CH FULL-SPEED USB UART
XR21V1412IL32 EXAR-XR21V1412IL32 Datasheet
288Kb / 30P
2-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412_10 Datasheet
288Kb / 30P
2-CH FULL-SPEED USB UART
More results


Similar Description - XR21V1412

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
4-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
1-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412_10 Datasheet
288Kb / 30P
2-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
4-CH FULL-SPEED USB UART
XR21V1410IL-0A-EB EXAR-XR21V1410IL-0A-EB Datasheet
273Kb / 28P
1-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
1-CH FULL-SPEED USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
Enhanced 2-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
Enhanced 2-Ch Full-Speed USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
2-CH FULL-SPEED USB UART
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com