Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XR21V1414 Datasheet (PDF) - Exar Corporation

XR21V1414 Datasheet PDF - Exar Corporation
Part # XR21V1414
Download  XR21V1414 Download
File Size   685.42 Kbytes
Page   26 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 4-CH FULL-SPEED USB UART

XR21V1414 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR21V1414 Datasheet PDF - Exar Corporation

Part # XR21V1414
Download  XR21V1414 Click to download

File Size   685.42 Kbytes
Page   26 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 4-CH FULL-SPEED USB UART

XR21V1414 Datasheet (HTML) - Exar Corporation


XR21V1414 Product details

GENERAL DESCRIPTION
The XR21V1414 (V1414) is an enhanced 4-channel USB Universal Asynchronous Receiver and Transmitter (UART). The USB interface is fully compliant to Full Speed USB 2.0 specification that supports 12 Mbps USB data transfer rate. The USB interface also supports USB suspend, resume and remote wakeup operations.
   
FEATURES
• USB 2.0 Compliant, Full-speed (12 Mbps)
    ■ Supports USB suspend, resume and remote
        wakeup operations
• Enhanced Features of each UART
    ■ Data rates up to 12 Mbps
    ■ Fractional Baud Rate Generator
    ■ 128 byte TX FIFO
    ■ 384 byte RX FIFO
    ■ 7, 8 or 9 data bits
    ■ 1 or 2 stop bits
    ■ Odd, even, mark, space, or no parity
    ■ Automatic Hardware (RTS/CTS or DTR/DSR)
        Flow Control
    ■ Automatic Software (Xon/Xoff) Flow Control
    ■ Multidrop mode
    ■ Auto Transceiver Enable
    ■ Half-Duplex mode
    ■ Selectable GPIO or Modem I/O
• Internal 48 MHz clock
• Single 2.97-3.63V power supply
• 5V tolerant inputs
• 48-pin TQFP package
• Virtual COM Port WHQL certified drivers
    ■ Windows 2000, XP Vista and 7
    ■ Windows CE 4.2, 5.0, 6.0
    ■ Linux
    ■ Mac
   
APPLICATIONS
• Portable Appliances
• External Converters (dongles)
• Battery-Operated Devices
• Cellular Data Devices
• Factory Automation and Process Controls
• Industrial applications
   




Similar Part No. - XR21V1414

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414 Datasheet
306Kb / 32P
4-CH FULL-SPEED USB UART
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
4-CH FULL-SPEED USB UART
XR21V1414IM48 EXAR-XR21V1414IM48 Datasheet
306Kb / 32P
4-CH FULL-SPEED USB UART
XR21V1414IM48-F EXAR-XR21V1414IM48-F Datasheet
400Kb / 34P
4-CH FULL-SPEED USB UART
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
Flammability rating of UL 94?륷0
More results


Similar Description - XR21V1414

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
2-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
4-CH FULL-SPEED USB UART
XR21V1410IL-0A-EB EXAR-XR21V1410IL-0A-EB Datasheet
273Kb / 28P
1-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
1-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
2-CH FULL-SPEED USB UART
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
4-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
Enhanced 4-Ch Full-Speed USB UART
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com