Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HBTGFR421-KR Datasheet (PDF) - Seoul Semiconductor

HBTGFR421-KR Datasheet PDF - Seoul Semiconductor
Part # HBTGFR421-KR
Download  HBTGFR421-KR Download
File Size   1358.41 Kbytes
Page   13 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description 1.6*1.5*0.5 mm Untited, Diffused flat mold Wavelength: -.Red: 625nm Green: 525nm Blue: 472nm

HBTGFR421-KR Datasheet (PDF)

Go To PDF Page Download Datasheet
HBTGFR421-KR Datasheet PDF - Seoul Semiconductor

Part # HBTGFR421-KR
Download  HBTGFR421-KR Click to download

File Size   1358.41 Kbytes
Page   13 Pages
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor
Description 1.6*1.5*0.5 mm Untited, Diffused flat mold Wavelength: -.Red: 625nm Green: 525nm Blue: 472nm

HBTGFR421-KR Datasheet (HTML) - Seoul Semiconductor


HBTGFR421-KR Product details

Description
- Small size suitable for compact appliances.
- Surface-mounted chip LED device.
- Pb-free and RoHS complaint component.
- High brightness, High efficiency
- Tape and Reel packing.
- Increases the life time of battery.

Features
• 1.6 X 1.5 X 0.5 mm
• Untited, Diffused flat mold
• Wavelength :
    -. Red : 625 nm
    -. Green : 525 nm
    -. Blue : 472 nm

Applications
◆ Cellular phone’s keypad lightning
◆ Information Boards




Similar Part No. - HBTGFR421-KR

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HBTGFR421-S SEOUL-HBTGFR421-S Datasheet
538Kb / 7P
CHIP LED DEVICE
HBTGFR421-W SEOUL-HBTGFR421-W Datasheet
1Mb / 14P
1.6*1.5*0.5 mm Untited, Diffused flat mold
More results


Similar Description - HBTGFR421-KR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5052N MARKTECH-MTD5052N Datasheet
602Kb / 2P
Peak Sensitivity Wavelength: 525nm
MTD5052W MARKTECH-MTD5052W Datasheet
592Kb / 2P
Peak Sensitivity Wavelength: 525nm
MTE5052M3A_UBG MARKTECH-MTE5052M3A_UBG Datasheet
641Kb / 4P
Peak Emission Wavelength: 525nm
MTE5052N_UBG MARKTECH-MTE5052N_UBG Datasheet
751Kb / 4P
Peak Emission Wavelength: 525nm
MTE5052W_UBG MARKTECH-MTE5052W_UBG Datasheet
635Kb / 4P
Peak Sensitivity Wavelength: 525nm
logo
Seoul Semiconductor
FB102 SEOUL-FB102 Datasheet
283Kb / 13P
1.6*0.8*0.6 mm Untinted, Diffused flat mold
FR104-II1 SEOUL-FR104-II1 Datasheet
277Kb / 13P
1.6*0.8*0.4mm Untinted, Diffused flat mold Dominant Wavelength: 625nm
GR101 SEOUL-GR101 Datasheet
285Kb / 13P
1.6*0.8*0.8 mm Untinted, Diffused flat mold Dominant Wavelength: 570nm
HBTGFR421-W SEOUL-HBTGFR421-W Datasheet
1Mb / 14P
1.6*1.5*0.5 mm Untited, Diffused flat mold
logo
OptoSupply Internationa...
OSTB0603C1C-A OPTOSUPPLY-OSTB0603C1C-A Datasheet
228Kb / 4P
1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com