Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FST162245 Datasheet (PDF) - Fairchild Semiconductor

FST162245 Datasheet PDF - Fairchild Semiconductor
Part # FST162245
Download  FST162245 Download
File Size   189.8 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Bus Switch with 25??Series Resistors in Outputs

FST162245 Datasheet (PDF)

Go To PDF Page Download Datasheet
FST162245 Datasheet PDF - Fairchild Semiconductor

Part # FST162245
Download  FST162245 Click to download

File Size   189.8 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Bus Switch with 25??Series Resistors in Outputs

FST162245 Datasheet (HTML) - Fairchild Semiconductor


FST162245 Product details

General Description
The Fairchild Switch FST162245 provides 16-bits of high speed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ 25Ω switch connection between two ports
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level




Similar Part No. - FST162245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST162244 FAIRCHILD-FST162244 Datasheet
175Kb / 4P
16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
FST162244MTD FAIRCHILD-FST162244MTD Datasheet
175Kb / 4P
16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
More results


Similar Description - FST162245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
FST162244 FAIRCHILD-FST162244 Datasheet
175Kb / 4P
16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
20-Bit Bus Switch with 25W Series Resistors in Outputs
FST34X2245 FAIRCHILD-FST34X2245 Datasheet
361Kb / 5P
32-Bit Bus Switch with 25??Series Resistors in Outputs
FSTD162861 FAIRCHILD-FSTD162861 Datasheet
173Kb / 6P
20-Bit Bus Switch with Level Shifting and 25??Series Resistors in Outputs Preliminary
FSTU162211 FAIRCHILD-FSTU162211 Datasheet
271Kb / 6P
24-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861 FAIRCHILD-FST162861_05 Datasheet
166Kb / 5P
20-Bit Bus Switch with 25ohm Series Resistors in Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com