Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BSC014N06NST Datasheet (PDF) - Infineon Technologies AG

Part # BSC014N06NST
Description  OptiMOSTM Power-Transistor, 60 V
File Size   1564.56 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC014N06NST Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - BSC014N06NST

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC014N06NS INFINEON-BSC014N06NS Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
BSC014N06NS INFINEON-BSC014N06NS Datasheet
556Kb / 10P
OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
BSC014N06NSSC INFINEON-BSC014N06NSSC Datasheet
982Kb / 11P
MOSFET OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2019-11-12
BSC014N06NSSCATMA1 INFINEON-BSC014N06NSSCATMA1 Datasheet
982Kb / 11P
MOSFET OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2019-11-12
BSC014N06NS INFINEON-BSC014N06NS_13 Datasheet
556Kb / 10P
OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
More results


Similar Description - BSC014N06NST

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ065N06LS5 INFINEON-BSZ065N06LS5 Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10
IPB010N06N INFINEON-IPB010N06N_16 Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.4,2016-01-18
IPA060N06N INFINEON-IPA060N06N_16 Datasheet
1Mb / 10P
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10
BSC028N06NST INFINEON-BSC028N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.1,2017-10-19
BSC097N06NST INFINEON-BSC097N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2017-10-19
IPT012N06N INFINEON-IPT012N06N Datasheet
1,022Kb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2016-12-09
IPD380P06NM INFINEON-IPD380P06NM Datasheet
919Kb / 10P
OptiMOSTM Power Transistor, -60 V
Rev.2.0,2019-03-28
ISC240P06LM INFINEON-ISC240P06LM Datasheet
1Mb / 11P
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-10
ISC800P06LM INFINEON-ISC800P06LM Datasheet
1Mb / 11P
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-13
BSC028N06NSSC INFINEON-BSC028N06NSSC Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev. 2.1, 2022-10-06
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com