Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OKY2012 Datasheet (PDF) - AG Electronica

Part # OKY2012
Description  TAJETA COMPATIBLE CON ARDUINO MEGA ADK 2560
File Size   230.73 Kbytes
Html View  1 
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

OKY2012 Datasheet (PDF) - AG Electronica



Similar Part No. - OKY2012

ManufacturerPart #DatasheetDescription
logo
AG Electronica
OKY2010 AGELECTRONICA-OKY2010 Datasheet
233Kb / 1P
TARJETA COMPATIBLE CON ARDUINO PRO-MICRO
30/10/20
OKY2010-1 AGELECTRONICA-OKY2010-1 Datasheet
377Kb / 1P
TARJETA COMPATIBLE CON ARDUINO PRO MICRO
26/12/2019
OKY2011 AGELECTRONICA-OKY2011 Datasheet
1Mb / 6P
TARJETA COMPATIBLE CON ARDUINO MICRO 5V 16MHz
01/03/2019
More results


Similar Description - OKY2012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
logo
Murata Manufacturing Co...
SF2238E MURATA-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
logo
TriQuint Semiconductor
880157 TRIQUINT-880157_15 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
logo
TAI-SAW TECHNOLOGY CO.,...
TA1234A TAI-SAW-TA1234A Datasheet
360Kb / 8P
SAW Filter 2560 MHz
logo
Qorvo, Inc
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com