Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C13155 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13155
Description  Emerald Lens
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13155 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13155 Datasheet HTML 1Page - Ledil, Inc. C13155 Datasheet HTML 2Page - Ledil, Inc. C13155 Datasheet HTML 3Page - Ledil, Inc. C13155 Datasheet HTML 4Page - Ledil, Inc. C13155 Datasheet HTML 5Page - Ledil, Inc. C13155 Datasheet HTML 6Page - Ledil, Inc. C13155 Datasheet HTML 7Page - Ledil, Inc. C13155 Datasheet HTML 8Page - Ledil, Inc. C13155 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
PRODUCT DATASHEET
Emerald series
last update 7/9/2017
DETAILS
Product Number
C13155_EMERALD-A
Family
Emerald
Type
Lens
Color
clear
Diameter
21,6 mm
Height
6,9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
7/09/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
158+73 deg
Oval
93 %
2.300
-
XB-D
157+62 deg
Oval
90 %
2.000
-
XM-L
157+83 deg
Oval
94 %
1.100
-
XP-G
159+79 deg
Oval
89 %
1.600
-
XP-G2
158+79 deg
Oval
94 %
1.800
-
XT-E
157+61 deg
Oval
89 %
1.800
-
XP-E2
156+72 deg
Oval
93 %
2.500
-
XM-L2
169+73 deg
Oval
94 %
1.100
-
XP-L HI
sim: 159
Oval
sim: 89 % sim: 1.300 -
XHP35 HD
sim: 164+68
Oval
sim: 91 % sim: 0.770 -
H35C0 (LEMWA33)
159+72 deg
Oval
91 %
1.400
-
H35B0 (LEMWA32)
160+66 deg
Oval
94 %
1.700
-
LUXEON A
156+75 deg
Oval
92 %
1.600
-
LUXEON Rebel
152+67 deg
Oval
92 %
2.500
-
LUXEON R
153+73 deg
Oval
92 %
1.650
-
LUXEON Rebel ES
153+74 deg
Oval
90 %
1.700
-
LUXEON T
155+76 deg
Oval
93 %
2.300
-
LUXEON TX
156+73 deg
Oval
94 %
1.690
-
NCSxx19A
151+65 deg
Oval
92 %
2.200
-
NVSxx19A
153+71 deg
Oval
91 %
1.700
-
NVSxx19B/NVSxx19C
155+80 deg
Oval
92 %
1.400
-
Oslon Square PC
156+83 deg
Oval
93 %
1.700
-
Oslon Square EC
156+80 deg
Oval
93 %
1.700
-
Oslon SSL 80
147+52 deg
Oval
89 %
1.900
-
Oslon SSL 150
157+86 deg
Oval
92 %
2.900
-
January 25th 2018 8:07 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13155

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13155 CREE-C13155 Datasheet
3Mb / 57P
EMERALD series
logo
Ledil, Inc.
C13155 LEDIL-C13155 Datasheet
3Mb / 10P
Asymmetric beam
C13155 LEDIL-C13155_18 Datasheet
3Mb / 10P
Asymmetric beam
logo
Intelligent LED Solutio...
C13155_EMERALD-A ILS-C13155_EMERALD-A Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
More results

Similar Description - C13155

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG48A5111A OPTOSUPPLY-OSG48A5111A Datasheet
111Kb / 1P
5mm Round Emerald Green LED
OSG48AS1C1A OPTOSUPPLY-OSG48AS1C1A Datasheet
110Kb / 1P
3.5x2.8x1.9mm Emerald Green SMD LED
logo
NICHIA CORPORATION
NDE4116E-E NICHIA-NDE4116E-E Datasheet
234Kb / 3P
Emerald Green Laser Diode
logo
Cree, Inc
C13155 CREE-C13155 Datasheet
3Mb / 57P
EMERALD series
C14522 CREE-C14522 Datasheet
689Kb / 11P
EMERALD series
CA11998 CREE-CA11998 Datasheet
678Kb / 11P
EMERALD series
CA13156 CREE-CA13156 Datasheet
3Mb / 55P
EMERALD series
CA14523 CREE-CA14523 Datasheet
3Mb / 55P
EMERALD series
logo
Ledil, Inc.
CA13156 LEDIL-CA13156 Datasheet
3Mb / 55P
Emerald Assembly
logo
NICHIA CORPORATION
NDE4116 NICHIA-NDE4116 Datasheet
182Kb / 3P
Emerald Green Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com