Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C13155 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C13155
Description  Emerald Lens
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13155 Datasheet(HTML) 3 Page - Ledil, Inc.

  C13155 Datasheet HTML 1Page - Ledil, Inc. C13155 Datasheet HTML 2Page - Ledil, Inc. C13155 Datasheet HTML 3Page - Ledil, Inc. C13155 Datasheet HTML 4Page - Ledil, Inc. C13155 Datasheet HTML 5Page - Ledil, Inc. C13155 Datasheet HTML 6Page - Ledil, Inc. C13155 Datasheet HTML 7Page - Ledil, Inc. C13155 Datasheet HTML 8Page - Ledil, Inc. C13155 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Beam pattern
direction
DESIGNED BY
ol
DATE
3.10.2012
CHECKED BY
as
DATE
3.10.2012
DRAWN BY
ol
DATE
3.10.2012
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT
SHEET
1/1
SIZE
A4
PART NUMBER
C13155
REV
001
DATASHEET TITLE
C13155 EMERALD-A
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Mechanical Drawing
INDEX PART NO DESCRIPTION MATERIAL
1
C13155 EMERALD-A
PMMA
A
D
3
2
4
1
Front view
8. 6 pin c- c
Bottom view
2
6
21.
6
1
Top view
A
A
0.8 5
Section view A-A
Scale:
1:1
Isometric view
Scale:
2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com