Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDMF301155 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF301155
Description  Smart Power Stage (SPS) Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF301155 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF301155 Datasheet HTML 1Page - ON Semiconductor FDMF301155 Datasheet HTML 2Page - ON Semiconductor FDMF301155 Datasheet HTML 3Page - ON Semiconductor FDMF301155 Datasheet HTML 4Page - ON Semiconductor FDMF301155 Datasheet HTML 5Page - ON Semiconductor FDMF301155 Datasheet HTML 6Page - ON Semiconductor FDMF301155 Datasheet HTML 7Page - ON Semiconductor FDMF301155 Datasheet HTML 8Page - ON Semiconductor FDMF301155 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
November 2016
© 2015 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF301155 • Rev. 1.0
FDMF301155
– Smart Power Stage (SPS) Module
Features
Supports PS4 Mode for IMVP-8
Ultra-Compact 5 mm x 5 mm PQFN Copper-Clip
Package with Flip Chip Low-Side MOSFET
High Current Handling: 50 A
3-State 5V PWM Input Gate Driver
Low Shutdown Current I
VCC < 6 µA
Diode Emulation for Enhanced Light Load
Efficiency
Fairchild PowerTrench® MOSFETs for Clean
Voltage Waveforms and Reduced Ringing
Fairchild SyncFET™ Technology (Integrated
Schottky Diode) in Low-Side MOSFET
Integrated Bootstrap Schottky Diode
Optimized / Extremely Short Dead-Times
Under-Voltage Lockout (UVLO) on VCC
Optimized for Switching Frequencies up to 1.5 MHz
Operating Junction Temperature Range:
-40°C to +125°C
Fairchild Green Packaging and RoHS Compliance
Description
The SPS
family is Fairchild’s next-generation, fully
optimized, ultra-compact, integrated MOSFET plus
driver power stage solution for high-current, high-
frequency, synchronous buck, DC-DC applications. The
FDMF301155 integrates a driver IC with a bootstrap
Schottky diode and two power MOSFETs into a
thermally
enhanced,
ultra-compact
5 mm
x
5 mm
package.
With an integrated approach, the SPS switching power
stage is optimized for driver and MOSFET dynamic
performance, minimized system inductance, and power
MOSFET RDS(ON). The SPS family uses Fairchild's high-
performance
PowerTrench
®
MOSFET
technology,
which reduces switch ringing, eliminating the need for a
snubber circuit in most buck converter applications.
A driver IC with reduced dead times and propagation
delays
further
enhances
the
performance.
The
FDMF301155 supports diode emulation (using FCCM
pin) for improved light-load efficiency. The FDMF301155
also provides a 3-state 5 V PWM input for compatibility
with a wide range of PWM controllers.
Applications
Notebook, Tablet PC and Ultrabook
Servers and Workstations, V-Core and Non-V-Core
DC-DC Converters
Desktop and All-in-One Computers, V-Core and
Non-V-Core DC-DC Converters
High-Current DC-DC Point-of-Load Converters
Small Form-Factor Voltage Regulator Modules
Ordering Information
Part Number
Current Rating
Package
Top Mark
FDMF301155
50 A
31-Lead, Clip Bond PQFN SPS, 5.0 mm x 5.0 mm Package
FDMF301155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com