Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LWT673 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LWT673
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LWT673_13 Datasheet HTML 2Page - OSRAM GmbH LWT673_13 Datasheet HTML 3Page - OSRAM GmbH LWT673_13 Datasheet HTML 4Page - OSRAM GmbH LWT673_13 Datasheet HTML 5Page - OSRAM GmbH LWT673_13 Datasheet HTML 6Page - OSRAM GmbH LWT673_13 Datasheet HTML 7Page - OSRAM GmbH LWT673_13 Datasheet HTML 8Page - OSRAM GmbH LWT673_13 Datasheet HTML 9Page - OSRAM GmbH LWT673_13 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2013-08-20
6
Version 2.0
LW T673 specified at 2mA
Color Chromaticity Groups 3) page 22
Farbortgruppen 3) Seite 22
Chromaticity Coordinate Groups 3) page 22
Farbortgruppen 3) Seite 22
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
JL
0.2850
0.2790
LL
0.3070
0.3120
NL
0.3288
0.3282
0.2910
0.2680
0.3100
0.2970
0.3288
0.3453
0.2960
0.2955
0.3189
0.3302
0.3386
0.3426
0.3005
0.2825
0.3197
0.3131
0.3386
0.3591
JK
0.2910
0.2680
LK
0.3100
0.2970
NK
0.3288
0.3081
0.2960
0.2590
0.3130
0.2840
0.3288
0.3282
0.3005
0.2825
0.3197
0.3131
0.3386
0.3235
0.3045
0.2715
0.3205
0.2956
0.3386
0.3426
KL
0.2960
0.2955
ML
0.3189
0.3302
PL
0.3484
0.3571
0.3005
0.2825
0.3197
0.3131
0.3484
0.3730
0.3070
0.3120
0.3288
0.3282
0.3582
0.3715
0.3100
0.2970
0.3288
0.3452
0.3582
0.3792
OHL04145
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
480
460
470
0.21
+
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.19
JL
JK
KL
KK
LL
LK
ML
MK
NL
NK
OL
OK
PL
PK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com