Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LWT673 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LWT673
Description  Automotive Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673 Datasheet(HTML) 2 Page - OSRAM GmbH

  LWT673_13 Datasheet HTML 1Page - OSRAM GmbH LWT673_13 Datasheet HTML 2Page - OSRAM GmbH LWT673_13 Datasheet HTML 3Page - OSRAM GmbH LWT673_13 Datasheet HTML 4Page - OSRAM GmbH LWT673_13 Datasheet HTML 5Page - OSRAM GmbH LWT673_13 Datasheet HTML 6Page - OSRAM GmbH LWT673_13 Datasheet HTML 7Page - OSRAM GmbH LWT673_13 Datasheet HTML 8Page - OSRAM GmbH LWT673_13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2013-08-20
2
Version 2.0
LW T673 specified at 2mA
Ordering Information
Bestellinformation
Type:
Luminous Intensity
1) page 22
Ordering Code
Typ:
Lichtstärke 1) Seite 22
Bestellnummer
IF = 2 mA
IV [mcd]
LW T673-L2N2-JKPL
14 ... 45
Q65111A2776
Note:
The above Type Numbers represent the order groups which include only a few brightness groups (see page 5). Only one group will be shipped on each
packing unit (there will be no mixing of two groups on each packing unit). E. g. LW T673-L2N2-JKPL means that only one group L2, M1, M2, N1, N2
will be shippable for any packing unit. In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single chromaticity coordinate groups will be shipped on any one
reel. E. g. LW T673-L2N2-JKPL means that only one wavelength group JK, JL, KK, KL, LK, LL, MK, ML, NK, NL, PK, PL will be shippable. LW
T673-L2N2-JKPL means that the device will be shipped within the specified limits as stated on page 6. In order to ensure availability, single chromaticity
coordinate groups will not be orderable (see page 6for explanation).
Anm.:
Die oben genannten Typbezeichnungen umfassen die bestellbaren Selektionen. Diese bestehen aus wenigen Helligkeitsgruppen (siehe Seite 5). Es
wird nur eine einzige Helligkeitsgruppe pro Verpackungseinheit geliefert. Z. B. LW T673-L2N2-JKPL bedeutet, dass in einer Verpackungseinheit nur
eine der Helligkeitsgruppen L2, M1, M2, N1, N2 enhalten ist. Um die Liefersicherheit zu gewährleisten, können einzelne Helligkeitsgruppen nicht
bestellt werden.
In a similar manner for colors where wavelength groups are measured and binned, single chromaticity coordinate groups will be shipped on any one
reel. E. g. LW T673-L2N2-JKPL means that only one wavelength group JK, JL, KK, KL, LK, LL, MK, ML, NK, NL, PK, PL will be shippable. LW
T673-L2N2-JKPL means that the device will be shipped within the specified limits as stated on page 6. In order to ensure availability, single chromaticity
coordinate groups will not be orderable (see page 6for explanation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com