Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP8308 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8308
Description  8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8308 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8308 Datasheet HTML 1Page - National Semiconductor (TI) DP8308 Datasheet HTML 2Page - National Semiconductor (TI) DP8308 Datasheet HTML 3Page - National Semiconductor (TI) DP8308 Datasheet HTML 4Page - National Semiconductor (TI) DP8308 Datasheet HTML 5Page - National Semiconductor (TI) DP8308 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Output Voltage
55V
Storage Temperature
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1667 mW
Molded Package
1832 mW
Lead Temperature (soldering 4 sec)
260 C
Derate cavity package 111 mW C above 25 C derate molded package
147 mW C above 25 C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (VCC)
DP7308
45
55
V
DP8308
475
525
V
Temperature (TA)
DP7308
b
55
a
125
C
DP8308
0
a
70
C
DC Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A PORT (A0 – A7)
VIH
Logical ‘‘1’’ Input Voltage
T e VIL R e 20V
20
V
VIL
Logical ‘‘0’’ Input Voltage
T e VIL R e 20V
DP8308
08
V
DP7308
07
V
VOH
Logical ‘‘1’’ Output Voltage
T e 20V R e VIL
IOH eb04 mA
VCCb115 VCCb07
V
IOH eb 3 mA
27
395
V
VOL
Logical ‘‘0’’ Output Voltage
T e 20V
IOL e 16 mA (8308)
035
05
V
R e VIL
IOL e 8 mA (both)
03
04
V
IOS
Output Short Circuit
T e 20V R e VIL VO e 0V
b
10
b
38
b
75
mA
Current
VCC e Max (Note 4)
IIH
Logical ‘‘1’’ Input Current
T e VIL R e 20V VIH e 27V
01
80
m
A
II
Input Current at Maximum
R e T e 20V VCC e Max VIH e 525V
1mA
Input Voltage
IIL
Logical ‘‘0’’ Input Current
T e VIL R e 20V VIN e 04V
b
70
b
200
m
A
VCLAMP Input Clamp Voltage
T e R e 20V IIN eb12 mA
b
07
b
15
V
IOD
OutputInput
T e R e 20V
VIN e 04V
b
200
m
A
TRI-STATE Current
VIN e 40V
80
m
A
B PORT (B0 – B7)
VIH
Logical ‘‘1’’ Input Voltage
T e 20V R e VIL
20
V
VIL
Logical ‘‘0’’ Input Voltage
T e 20V R e VIL
DP8308
08
V
DP7308
07
V
VOH
Logical ‘‘1’’ Output Voltage
T e VIL R e 20V
IOH eb04 mA
VCCb115 VCCb08
V
IOH eb5 mA
27
39
V
IOH eb10 mA
24
36
V
VOL
Logical ‘‘0’’ Output Voltage
T e VIL R e 20V
IOL e 20 mA
03
04
V
IOL e 48 mA
04
05
V
IOS
Output Short Circuit
T e VIL R e 20V VO e 0V
b
25
b
50
b
150
mA
Current
VCC e Max (Note 4)
IIH
Logical ‘‘1’’ Input Current
T e 20V R e VIL VIH e 27V
01
80
m
A
II
Input Current at Maximum
T e R e 20V VCC e Max VIH e 525V
1mA
Input Voltage
IIL
Logical ‘‘0’’ Input Current
T e 20V R e VIL VIN e 04V
b
70
b
200
m
A
VCLAMP Input Clamp Voltage
T e R e 20V IIN eb12 mA
b
07
b
15
V
IOD
OutputInput
T e R e 20V
VIN e 04V
b
200
m
A
TRI-STATE Current
VIN e 40V
a
200
m
A
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com