Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP8308 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8308
Description  8-Bit TRI-STATE Bidirectional Transceiver (Non-Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8308 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8308 Datasheet HTML 1Page - National Semiconductor (TI) DP8308 Datasheet HTML 2Page - National Semiconductor (TI) DP8308 Datasheet HTML 3Page - National Semiconductor (TI) DP8308 Datasheet HTML 4Page - National Semiconductor (TI) DP8308 Datasheet HTML 5Page - National Semiconductor (TI) DP8308 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics (Notes 2 and 3) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CONTROL INPUTS T R
VIH
Logical ‘‘1’’ Input Voltage
20
V
VIL
Logical ‘‘0’’ Input Voltage
DP8308
08
V
DP7308
07
V
IIH
Logical ‘‘1’’ Input Current
VIH e 27V
05
20
m
A
II
Maximum Input Current
VCC e Max VIH e 525V
10
mA
IIL
Logical ‘‘0’’ Input Current
VIL e 04V
R
b
01
b
025
mA
T
b
025
b
05
mA
VCLAMP
Input Clamp Voltage
IIN eb12 mA
b
08
b
15
V
POWER SUPPLY CURRENT
ICC
Power Supply Current
T e R e 20V VIN e 04V VCC e Max
70
100
mA
T e VINA e 04V R e 2V VCC e Max
90
140
mA
AC Electrical Characteristics VCC e 5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A PORT DATAMODE SPECIFICATIONS
tPDHLA
Propagation Delay to a Logical ‘‘0’’ from
T e 24V R e 04V
(Figure A)
14
18
ns
B Port to A Port
R1 e 1k R2 e 5k C1 e 30 pF
tPDLHA
Propagation Delay to a Logical ‘‘1’’ from
T e 24V R e 04V
(Figure A)
13
18
ns
B Port to A Port
R1 e 1k R2 e 5k C1 e 30 pF
tPLZA
Propagation Delay from a Logical ‘‘0’’ to
B0 to B7 e 04V T e 24V
(Figure B)
11
15
ns
TRI-STATE from R to A Port
S3 e 1 R5 e 1k C4 e 15 pF
tPHZA
Propagation Delay from a Logical ‘‘1’’ to
B0 to B7 e 24V T e 24V
(Figure B)
815
ns
TRI-STATE from R to A Port
S3 e 0 R5 e 1k C4 e 15 pF
tPZLA
Propagation Delay from TRI-STATE to
B0 to B7 e 04V T e 24V
(Figure B)
24
35
ns
a Logical ‘‘0’’ from R to A Port
S3 e 1 R5 e 1k C4 e 30 pF
tPZHA
Propagation Delay from TRI-STATE to
B0 to B7 e 24V T e 24V
(Figure B)
21
30
ns
a Logical ‘‘1’’ from R to A Port
S3 e 0 R5 e 5k C4 e 30 pF
B PORT DATAMODE SPECIFICATIONS
tPDHLB
Propagation Delay to a Logical ‘‘0’’ from
T e 04V R e 24V
(Figure A)
A Port to B Port
R1 e 100X R2 e 1k C1 e 300 pF
18
23
ns
R1 e 667X R2 e 5k C1 e 45 pF
11
18
ns
tPDLHB
Propagation Delay to a Logical ‘‘1’’ from
T e 04V R e 24V
(Figure A)
A Port to B Port
R1 e 100X R2 e 1k C1 e 300 pF
16
23
ns
R1 e 667X R2 e 5k C1 e 45 pF
11
18
ns
tPLZB
Propagation Delay from a Logical ‘‘0’’ to
A0 to A7 e 04V R e 24V
(Figure B)
13
18
ns
TRI-STATE from T to B Port
S3 e 1 R5 e 1k C4 e 15 pF
tPHZB
Propagation Delay from a Logical ‘‘1’’ to
A0 to A7 e 24V R e 24V
(Figure B)
815
ns
TRI-STATE from T to B Port
S3 e 0 R5 e 1k C4 e 15 pF
tPZLB
Propagation Delay from TRI-STATE to
A0 to A7 e 04V R e 24V
(Figure B)
a Logical ‘‘0’’ from T to B Port
S3 e 1 R5 e 100X C4 e 300 pF
25
35
ns
S3 e 1 R5 e 667X C4 e 45 pF
17
25
ns
tPZHB
Propagation Delay from TRI-STATE to
A0 to A7 e 24V R e 24V
(Figure B)
a Logical ‘‘1’’ from T to B Port
S3 e 0 R5 e 1k C4 e 300 pF
24
35
ns
S3 e 0 R5 e 5k C4 e 45 pF
17
25
ns
http
www nationalcom
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com