Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TS3
Description  3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS3 Datasheet(HTML) 2 Page - Vishay Siliconix

  TS3 Datasheet HTML 1Page - Vishay Siliconix TS3 Datasheet HTML 2Page - Vishay Siliconix TS3 Datasheet HTML 3Page - Vishay Siliconix TS3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS3
www.vishay.com
Vishay Sfernice
Revision: 31-Jan-17
2
Document Number: 51041
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
220°
Resistance range
10
 to 2 M
Stocked range
1 k
 to 100 k
Standard series
1 - 2 - 5
Tolerance standard
± 20 %
Circuit diagram
Power rating
0.125 W at 70 °C
Temperature coefficient (max.)
 100  ± 150 ppm/°C/> 100  ± 100 ppm/°C
Limiting element voltage (max.)
200 V
Contact resistance variation
3 % or 3
End resistance
1 % or 3
Dielectric strength (RMS)
500 V (sea level)
Insulation resistance (500 VDC)
100 M
MECHANICAL SPECIFICATIONS
Mechanical travel
250°
Operating torque (max. Ncm)
0.5
End stop torque (min. Ncm)
2
Unit weight (max. g)
0.1
Mechanical life (cycles)
50
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Sealing
Sealed container IP67
MSL level
1
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
STANDARD RESISTANCE ELEMENT DATA
RESISTANCE
PART MARKING CODE
RESISTANCE CODE
10
A1
100
20
21
200
50
51
500
100
A2
101
200
22
201
500
52
501
1K
A3
102
2K
23
202
5K
53
502
10K
A4
103
20K
24
203
50K
54
503
100K
A5
104
200K
25
204
500K
55
504
1M
A6
105
2M
26
205
a
c
b
cw
(2)
(3)
(1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com