Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TS3
Description  3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TS3 Datasheet HTML 1Page - Vishay Siliconix TS3 Datasheet HTML 2Page - Vishay Siliconix TS3 Datasheet HTML 3Page - Vishay Siliconix TS3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TS3
www.vishay.com
Vishay Sfernice
Revision: 31-Jan-17
3
Document Number: 51041
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TS3
YJ
From
10
 to 2 M
503 = 50 k
M = ± 20 %
R15 =
reel 1000 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
TS3
YJ
50K
20 %
TR
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
Ø 13 ± 0.51
Ø 21.01 ± 0.79
Ø 178 ± 2.03
Equal spaced
3 places
1.78 min.
12.40 + 2.00
2.67 ± 0.2
60 ± 2.03
2.5 ± 0.1
4.0 ± 0.1
0.3 ± 0.1
5.52 ± 0.18
3.8 ± 0.2
1.5 ± 0.2
1.5 ± 0.1
2.0 ± 0.1
4.0 ± 0.1
1.75 ± 0.1
12 ± 0.2
Reel of 1000 pieces
15
50
M
3R
J
S3
Y
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com